Electronic Components Datasheet Search
  English  ▼

X  

4021 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4021
Description  Silicone Elastomer 4x4 Button Keypad - 2 Pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4021 Datasheet(HTML) 1 Page - Adafruit Industries

  4021 Datasheet HTML 1Page - Adafruit Industries 4021 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Silicone Elastomer 4x4 Button Keypad - 2
Pack
PRODUCT ID: 4021
So squishy! These silicone elastomer keypads are just waiting for your fingers to
press them. Go ahead, squish all you like! (They're durable and easy to clean,
just wipe with mild soap and water) These are just like the light up rubber
buttons you find on stuff like appliances and tools, but these are open source
and easy to integrate into your next NeoTrellis project!
Each button is 10mm x 10mm square and 10mm tall. There is 5mm of grid
spacing between the buttons. You can 'tile' the button pads edge-to-edge and
they'll grid up correctly. You can also cut the pads down if you like, the silicone
is very soft. The way they're molded, they give about 3mm of travel when
pressed for a very satisfying feel. They are completely quiet, however.
You get two (2) button pads in this pack so this is
the elastomer pack for
dressing up your Adafruit NeoTrellis M4!


Similar Part No. - 4021

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4021 SCHURTER-4021 Datasheet
239Kb / 3P
IEC Connector C13, Rewireable, Angled
logo
List of Unclassifed Man...
4021-A ETC2-4021-A Datasheet
150Kb / 4P
TRIODE
4021-B ETC2-4021-B Datasheet
150Kb / 4P
TRIODE
4021-C ETC2-4021-C Datasheet
150Kb / 4P
TRIODE
logo
Nidec Motor Corporation...
4021-Z NIDEC-4021-Z Datasheet
1Mb / 5P
8 Series Pushbutton Switches
More results

Similar Description - 4021

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
KNM20S44 PURDY-KNM20S44 Datasheet
75Kb / 2P
4x4 Monoblock Immersion Proof Keypad
logo
Semikron International
1803GB172-3DWV3 SEMIKRON-1803GB172-3DWV3 Datasheet
78Kb / 2P
2-pack-integrated
2013GB172-4DLV3 SEMIKRON-2013GB172-4DLV3 Datasheet
89Kb / 3P
2-pack-integrated
logo
STMicroelectronics
AN1799 STMICROELECTRONICS-AN1799 Datasheet
110Kb / 7P
STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
Rev. 2
logo
Laird Tech Smart Techno...
ECE85A LSTD-ECE85A Datasheet
1Mb / 1P
Silicone Elastomer with Silver Glass
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-14662 SPARKFUN-COM-14662 Datasheet
144Kb / 2P
Keypad - 12 Button
4??0??8
logo
List of Unclassifed Man...
SYLGARD-184 ETC-SYLGARD-184 Datasheet
68Kb / 4P
SYLGARD™184 Silicone Elastomer
2017
SYLGARD184 ETC-SYLGARD184 Datasheet
68Kb / 4P
SYLGARD™184 Silicone Elastomer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com