Electronic Components Datasheet Search
  English  ▼

X  

4034 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4034
Description  13.56MHz RFID/NFC Card NTAG203 Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4034 Datasheet(HTML) 2 Page - Adafruit Industries

  4034 Datasheet HTML 1Page - Adafruit Industries 4034 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
TECHNICAL DETAILS
RFID chip specification:
•
144 bytes of user r/w memory area, divided in 36 pages (4 bytes each)
•
7 Byte unique identifier burned into the chip
•
Operating frequency: 13.56 MHz
Tag specification:
•
85.5mm x 54mm x 1mm / 3.36" x 2.1" x 0.03"
•
5.3 grams / 0.2 oz
•
Works about 4" away from reader
•
NTAG203 Datasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com