Electronic Components Datasheet Search
  English  ▼

X  

4048 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4048
Description  Mini SWD 0.05" Pitch Connector - 10 Pin SMT Box Header
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4048 Datasheet(HTML) 2 Page - Adafruit Industries

  4048 Datasheet HTML 1Page - Adafruit Industries 4048 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This little header will snap right into any 10-pin 2x5 socket-socket 1.27mm IDC
(SWD) cable. In conjunction with these cables, they are handy when
programming or debugging tiny boards. We see these connectors often on ARM
Cortex dev kits, and have a few handy in our ARM-dev box.
One header per order
TECHNICAL DETAILS
Product Dimensions: 6.1mm x 6.0mm x 5.0mm / 0.2" x 0.2" x 0.2
 
 
 
 
 
 
 
                                                 https://www.adafruit.com/product/4048/1‐17‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com