Electronic Components Datasheet Search
  English  ▼

X  

4077 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4077
Description  nRF52832 Bluetooth Low Energy Module - MDBT42Q-512KV2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4077 Datasheet(HTML) 2 Page - Adafruit Industries

  4077 Datasheet HTML 1Page - Adafruit Industries 4077 Datasheet HTML 2Page - Adafruit Industries 4077 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Of course the best way to program these chips is with the Nordic SDK. This chip
also has some basic Arduino support, some micropython support, and is well
supported by MyNewt. Either way you go (SDK/micropython/Arduino) you'll still
need to solder this onto a PCB and load code via a SWD programmer.
TECHNICAL DETAILS
32-bit ARM® Cortex™ M4F CPU
Supply: 1.7V – 3.6V
Memory: 512KB Flash Memory
RAM: 64KB
Tx Power: +4 dBm @ 7.5mA, 0 dBm @ 5.3mA
Rx Sensitivity: -96 dBm @ 5.4mA
Flexible and configurable 32 GPIO (8 analog inputs)
Interfaces: UART / I2C / SPI / PWM / PDM / I2S / NFC
3 x Hardware SPI master ; 3 x Hardware SPI slave‧2 x two-wire master ; 2
x two-wire slave
• 1 x UART (CTS / RTS)
• PDM for digital microphone
• I2S for audio
12-bit / 200KSPS ADC
128-bit AES ECB / CCM / AAR co-processor
Low cost external crystal 32MHz ± 40ppm for Bluetooth ; ± 50ppm for
ANT Plus
Low power 32MHz crystal and RC oscillators
Operating Temp: -40°C to +85°C
Raytac's product page
Product Dimensions: 16.0mm x 10.0mm x 2.2mm / 0.6" x 0.4" x 0.1"
Product Weight: 0.6g / 0.0oz
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com