Electronic Components Datasheet Search
  English  ▼

X  

4096 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4096
Description  Raspberry Pi Official Model 3 A Case
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4096 Datasheet(HTML) 2 Page - Adafruit Industries

  4096 Datasheet HTML 1Page - Adafruit Industries 4096 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Be sure to check out more of our awesome Raspberry Pi accessories including:
Bare 8 GB SD card - you'll need this to load the Debian image and is not
included in a Pi computer purchase. Tested and works perfectly! We also
have a wide range of pre-burned SD cards
5V @ 2.5A Amp USB power supply - you'll need this to power the Pi using
a Micro USB cable. Tested and works perfectly with lots of power
HDMI cable - required to connect a Pi to a monitor and is not included in
a Pi computer purchase
Keyboards and Mice - We have a range of wired and wireless options
A wide range of accessories and essentials
Various small displays as well as nice Pi-compatible HDMI monitors in a
range of sizes, from 2.5" to 10"
Raspberry Pi A+ computer is not included, but we do stock them in the shop! No
other cables or connectors or accessories are included.
 
 
 
 
 
 
                                                https://www.adafruit.com/product/4096/2‐5‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com