Electronic Components Datasheet Search
  English  ▼

X  

4099 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4099
Description  SHT-30 Mesh-protected Weather-proof Temperature/Humidity Sensor - 1M Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4099 Datasheet(HTML) 2 Page - Adafruit Industries

  4099 Datasheet HTML 1Page - Adafruit Industries 4099 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The SHT30-D sensor has an excellent ±2% relative humidity and ±0.5°C
accuracy for most uses. Unlike earlier SHT sensors, this sensor has a true I2C
interface.
The sensor is essentially just a Sensiron SHT-30 digital sensor (much like our
breakout here) with the 4 data/power wires brought out so any SHT-3x code for
a microcontroller will work. Check out the tutorial for Arduino and
CircuitPython/Python, and more!
The 1 meter long cable has four wires: Brown = VCC (3-5VDC), Black = Ground,
Yellow = Clock, Blue = Data.
TECHNICAL DETAILS
Sensor body dimensions: 14mm diameter, 50mm long
Cable length: approx 1 meter
Contains an SHT-30 Temperature/Humidity sensor
Four wires: Brown = VCC (3-5VDC), Black = Ground, Yellow = Clock, Blue
= Data
 
 
 
https://www.adafruit.com/product/4189/6‐6‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com