Electronic Components Datasheet Search
  English  ▼

X  

CLP285C Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLP285C
Description  LAN Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP285C Datasheet(HTML) 2 Page - Sumida Corporation

  CLP285C Datasheet HTML 1Page - Sumida Corporation CLP285C Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LAN Transformer< SMD Type: CLP Series>
Type: CLP285C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification(C24105NP)
Item
Specification (RX)
Specification (TX)
Condition
Insertion loss
-1.0dB Min.
-1.0dB Min.
0.1~100MHZ
-18dB Max.
-18dB Max.
1~30MHz
-14.4dB Max
-14.4dB Max
40MHz
-13.1dB Max.
-13.1dB Max.
50MHz
Return loss
-12dB Max.
-12dB Max.
60~80MHz
-37dB Max.
-37dB Max.
1~60MHz
Differential to common
Mode rejection
-25dB Max.
-25dB Max.
60~200MHz
OCL
350μH Min.
350μH Min.
100kHz,100mV,8mA DC bias
Turns ratio
1:1±2%
1:1±2%
100kHz, 100mV
-55dB Max.
-55dB Max.
1MHz
-45dB Max.
-45dB Max.
30MHz
-40dB Max.
-40dB Max.
60MHz
Cross talk
-33dB Max.
-33dB Max.
100MHz
Hipot
AC 1500Vrms
0.5mA, 1Min, 50/60Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com