Electronic Components Datasheet Search
  English  ▼

X  

TMSTHS11-D0 Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # TMSTHS11-D0
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TMSTHS11-D0 Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button TMSTHS11-D0 Datasheet HTML 5Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 6Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 7Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 8Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 9Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 10Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 11Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 12Page - PANDUIT CORP. TMSTHS11-D0 Datasheet HTML 13Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
visit www.panduit.com
Applications
• Run cable and hose along the frame rails
• Secure a bundle under a chassis assembly
• Manage wire harnesses in the cab, sleeper and trailer
• Use exposed threads from fasteners already in the vehicle
• Maintain a standoff from the frame to avoid bundle abrasion
Solution
Panduit Cable Tie Stud Mounts are designed to utilize threaded
fasteners already present in the vehicle. These easy-to-use wiring
accessories can be easily applied with a light hammer blow,
y threading them onto the fastener, or by using Panduit's
specialized application tool. Use these mounts with a variety of
Panduit cable ties.
Features
• Installs onto fasteners such as bolts, Huck® fasteners and
welded studs
• Fits a wide variety of common stud sizes and cable ties
• Offers multiple position configurations for flexibility in
application
• Installs faster than metal clamps with threaded fasteners
• Stands up to tough application environments with a weather-
resistant nylon 6.6 material
• Provides a standoff from the frame rail to help prevent bundle
abrasion during vehicle operation
• Stands up under vibration
• Secures bundle with Panduit cable ties – up to 4 discrete
bundles per mount
• Remains in vehicle during service or repair – reattach bundle
with new cable ties
Part Number
Used with Cable Ties*
Color
Environment
Mounting Method
Std
Pkg.
Qty
Std
Ctn.
Qty
TMSTLHS6-M0
M, I, S, HS, LH
Black
Outdoors
1/4" stud dia. (6mm)
1000 5000
TMSTLHS8-M0
M, I, S, HS, LH
5/16" stud dia. (8mm)
1000 5000
TMSTHS10-D0
M, I, S, HS, LH, H
3/8" stud dia. (10mm)
500
––
TMSTHS11-D0
M, I, S, HS, LH, H
7/16" stud dia. (11mm)
500
––
TMSTHS12-D0
M, I, S, HS, LH, H
12mm stud dia.
500
––
TMSTHS13-D0
M, I, S, HS, LH, H
1/2" stud dia. (13mm)
500
––
TMSTHS16-D0
M, I, S, HS, LH, H
5/8" stud dia. (16mm)
500
––
TMSTHS19-D0
M, I, S, HS, LH, H
3/4" stud dia. (19mm)
500
––
*Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, HS = Heavy-Standard, LH = Light-Heavy, H = Heavy
1.10"
(27.9)
1.00"
(25.4)
1.99"
(50.6)
0.95"
(24.1)
0.48"
(12.2)
1.25"
(31.8)
TMSTH
TMSTLH
Stud Mounts
Fasten Stud Mounts to the frame
using Panduit chassis ties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com