Electronic Components Datasheet Search
  English  ▼

X  

PSL-CB Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # PSL-CB
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-CB Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button PSL-CB Datasheet HTML 3Page - PANDUIT CORP. PSL-CB Datasheet HTML 4Page - PANDUIT CORP. PSL-CB Datasheet HTML 5Page - PANDUIT CORP. PSL-CB Datasheet HTML 6Page - PANDUIT CORP. PSL-CB Datasheet HTML 7Page - PANDUIT CORP. PSL-CB Datasheet HTML 8Page - PANDUIT CORP. PSL-CB Datasheet HTML 9Page - PANDUIT CORP. PSL-CB Datasheet HTML 10Page - PANDUIT CORP. PSL-CB Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Kit & Cover | Lockout / Tagout
Maintenance Lockout Kit
Power and Panel Distribution Lockout Kit
Part No.
Kit Content
Std. Pkg.
Qty.
PSL-KT-MROA
(1) Screwdriver
(1) PSL-BX case
(3) PSL-8 padlocks
(1) PSL-MLD multiple lockout device
(2) PSL-WS wall switch lockout
(2) PSL-CBNT “No Tool” circuit breaker lockout
(2) PSL-P plug lockout
(1) PSL-V6A gate valve lockout, 2.50" to 6.50" diam. handle
(1) PSL-V2A gate valve lockout, 1.00" to 2.50" diam. handle
(1) PSL-BV2 ball-valve lockout
(1) PSL-CL110 120 volt AC cord lockout
(10) PVT-44 maintenance tags
1
PSL-KT-MROAP
(1) Screwdriver
(1) PSL-BX case
(3) PSL-8 padlocks
(1) PSL-MLD multiple lockout device
(2) PSL-WS wall switch lockout
(2) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(2) PSL-P plug lockout
(1) PSL-V6A gate valve lockout, 2.50" to 6.50" diam. handle
(1) PSL-V2A gate valve lockout, 1.00" to 2.50" diam. handle
(1) PSL-BV2 ball-valve lockout
(1) PSL-CL110 120 volt AC cord lockout
(10) PVT-44 maintenance tags
1
PSL-KT-MROAPX
(1) Screwdriver
(1) PSL-BX case
(1) PSL-MLD multiple lockout device
(2) PSL-WS wall switch lockout
(2) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(2) PSL-P plug lockout
(1) PSL-V6A gate valve lockout, 2.50" to 6.50" diam. handle
(1) PSL-V2A gate valve lockout, 1.00" to 2.50" diam. handle
(1) PSL-BV2 ball-valve lockout
(1) PSL-CL110 120 volt AC cord lockout
(10) PVT-44 maintenance tags
1
PSL-KT-MROA-F
(1) Screwdriver
(1) PSL-BX case
(3) PSL-8 padlocks
(1) PSL-MLD multiple lockout device
(2) PSL-WS wall switch lockout
(2) PSL-CBNT “No Tool” circuit breaker lockout
(2) PSL-P plug lockout
(1) PSL-V6A gate valve lockout, 2.50" to 6.50" diam. handle
(1) PSL-V2A gate valve lockout, 1.00" to 2.50" diam. handle
(1) PSL-BV2 ball-valve lockout
(1) PSL-CL110 120 volt AC cord lockout
(10) PVT-44 “DO NOT OPERATE”
maintenance tags in French
1
PSL-BX
Empty plastic kit box for PSL-KT-MROA
1
Part No.
Kit Content
Std. Pkg.
Qty.
PSL-KT-PWR
(1) Screwdriver
(1) PSL-STATION metal wall mount cabinet
(2) PSL-8 padlocks
(1) PSL-MLD multiple lockout device
(2) PSL-CBNT “No Tool” circuit breaker lockout
(2) PSL-CBILNT “No Tool” circuit breaker lockout
for I-Line™
(2) PSL-CBL large handle circuit breaker lockout
(1) PSL-P plug lockout
(25) PVT-23-Q tags
1
PSL-KT-PWRP
(1) Screwdriver
(1) PSL-STATION metal wall mount cabinet
(2) PSL-8 padlocks
(1) PSL-MLD multiple lockout device
(2) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(2) PSL-CBILNT “No Tool” circuit breaker lockout
for I-Line™
(2) PSL-CBL large handle circuit breaker lockout
(1) PSL-P plug lockout
(25) PVT-23-Q tags
1
PSL-KT-PWRPX
(1) Screwdriver
(1) PSL-STATION metal wall mount cabinet
(1) PSL-MLD multiple lockout device
(2) PSL-PCBNT PowerLOK™
“No Tool” circuit breaker lockout
(2) PSL-CBILNT “No Tool” circuit breaker lockout
for I-Line™
(2) PSL-CBL large handle circuit breaker lockout
(1) PSL-P plug lockout
(25) PVT-23-Q tags
1
PSL-KT-PWR-F
(1) Screwdriver
(1) PSL-STATION metal wall mount cabinet
(2) PSL-8 padlocks
(1) PSL-MLD multiple lockout device
(2) PSL-CBNT “No Tool” circuit breaker lockout
(2) PSL-CBILNT “No Tool” circuit breaker lockout
for I-Line™
(2) PSL-CBL large handle circuit breaker lockout
(1) PSL-P plug lockout
(25) PVT-23-Q “DO NOT OPERATE ELECTRICIANS
AT WORK” tags in French
1
PSL-KT-MROAP
PSL-KT-PWRP
Steering Wheel Covers
Prevent others from driving a vehicle
that is disabled or undergoing
maintenance.
• Flexible, reinforced vinyl cover
• Backside of upper half has stitched pocket
to slip over steering wheel
• Secure cover to steering wheel to prevent
removal
• 3/8" metal grommeted hole at bottom
accommodates 1 1/2" hasp with padlocks
(sold separately)
• Octagon shape reinforces lockout status and
conveys STOP
16"
PSL-1075
20"
PSL-1078
24"
PSL-1081
16"
PSL-1076
20"
PSL-1079
24"
PSL-1082
16"
PSL-1077
20"
PSL-1080
24"
PSL-1083
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com