Electronic Components Datasheet Search
  English  ▼

X  

LC321-2K Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # LC321-2K
Description  MINIATURE COMPRESSION LOAD CELL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

LC321-2K Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  LC321-2K Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MINIATURE COMPRESSION LOAD CELL
wITh ThREADED CENTER hOLE
F-37
Compression
0-250 lb to 0-2000 lb
0-114 kg to 0-909 kg
1 Newton = 0.2248 lb
1 daNewton = 10 Newtons
1 lb = 454 g
1 t = 1000 kg = 2204 lb
U
Miniature Package for
Robotic Applications,
38 mm (1.5") Diameters
U
Threaded Center Hole
for Easy Installation
U
5-Point Calibration
Provided
U
Ultra-Low Profile
OMEGA’s LC321 Series compression
load cells offer a broad load range,
a threaded center hole, and an
ultra-low profile for easy installation.
Their all stainless steel construction
and rugged design ensure long
life and high reliability in industrial
environments.
10
(0.40)
13
(.516)
DIA.
38
(1.50)
DIA.
1/4-28 UNF THRU
.79
(0.031)
1.5 m (5') 4-CONDUCTOR
SHIELDED CABLE
WIRING CODE
GREEN +OUTPUT
WHITE -OUTPUT
RED +INPUT
BLACK -INPUT
Force
Safe Overload: 150% of capacity
Ultimate Overload: 300% of capacity
Input Resistance: 360 Ω minimum
Output Resistance: 350 ±5 Ω
Construction: Stainless steel
Electrical: 1.5 m (5') 4-conductor
shielded cable
Comes complete with 5-point NIST-traceable calibration and 59 kΩ shunt data.
* Visit us online for compatible meters.
Ordering Examples: LC321-750, 750 lb capacity subminiature compression load cell.
LC201-1K, 1000 lb capacity subminiature compression load cell.
SPECIFICATIOnS
Output: 2 mV/V
Excitation: 10 Vdc, 15 Vdc maximum
Accuracy: ±2.0% FSO linearity,
hysteresis, repeatability combined
5-Point Calibration: 0%, 50%, 100%,
50%, 0%
Zero Balance: ±2% FSO
Operating Temp Range:
-54 to 121°C (-65 to 250°F)
Compensated Temp Range:
16 to 71°C (60 to 160°F)
Thermal Effects:
Zero: 0.005% FSO/°F
Span: 0.010% rdg/°F
Protection Class: IP65
Dimensions: mm (inch)
LC321-750 shown
actual size.
To Order
CAPACITY
lb
kg
MODEL nO.
COMPATIBLE METERS*
250
114
LC321-250
DPiS, DP41-S, DP25B-S
500
227
LC321-500
DPiS, DP41-S, DP25B-S
750
341
LC321-750
DPiS, DP41-S, DP25B-S
1000
455
LC321-1K
DPiS, DP41-S, DP25B-S
2000
909
LC321-2K
DPiS, DP41-S, DP25B-S
Standard
LC321 Series


Similar Part No. - LC321-2K

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC321 SEOUL-LC321 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC321 SEOUL-LC321 Datasheet
360Kb / 13P
CYAN LAMP LED
LC321 SEOUL-LC321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC321 SEOUL-LC321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC321 SEOUL-LC321 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LC321-2K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
logo
List of Unclassifed Man...
VAC54 ETC-VAC54 Datasheet
36Kb / 1P
MINIATURE CADMIUM SULPHIDE PHOTOCONDUCTIVE CELL
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
SparkFun Electronics
SEN-13332 SPARKFUN-SEN-13332 Datasheet
90Kb / 2P
Load Cell - 200kg, Disc (TAS606)
9??8??7
SEN-3331 SPARKFUN-SEN-3331 Datasheet
95Kb / 2P
Load Cell - 50kg, Disc (TAS606)
9??8??7
logo
KISTLER INSTRUMENT CORP...
4577A KISTLER-4577A Datasheet
420Kb / 2P
Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
9212M KISTLER-9212M Datasheet
242Kb / 2P
Quartz Load Cell High Impedance Load Cell
logo
Zemic Europe B.V.
B9C ZEMIC-B9C Datasheet
488Kb / 4P
Type B9C Load Cell
Rev6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com