Electronic Components Datasheet Search
  English  ▼

X  

REC-012M Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # REC-012M
Description  High-Accuracy Stainless Steel Cantilever Beams
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

REC-012M Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  REC-012M Datasheet HTML 1Page - Omega Engineering, Inc. REC-012M Datasheet HTML 2Page - Omega Engineering, Inc. REC-012M Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
U
All Stainless Steel
Construction for Harsh
Industrial Applications
U
0.25% Interchangeability
for Multiple Cell
Applications
U
5-Point Calibration
Provided
Tension/Compression
0-50 lb to 0-30,000 lb-
Standard Models
0-25 kgf to 0-10,000 kgf-
Metric Models
STANDARD
LC501-20K, shown
smaller than actual size.
TWA5-750 self adjusting weigh
module, shown smaller than
actual size.
High-Accuracy Stainless
Steel Cantilever Beams
Standard and Metric Models
METRIC
LCM501-10K, shown
smaller than actual size.
TM
LC501/LCM501 Series
LC511/LCM511 Series
Standard


Similar Part No. - REC-012M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REC-2740 ETC2-REC-2740 Datasheet
224Kb / 4P
IP67-rated Fanless Embedded Box PC with Intel짰 Core짰 i7-2610UE CPU
logo
Infinite Electronics In...
REC-M84MR-LEADS L-COM-REC-M84MR-LEADS Datasheet
51Kb / 1P
M84M REAR IP67 24AWG PVC LEADS
6/17/16
More results

Similar Description - REC-012M

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com