Electronic Components Datasheet Search
  English  ▼

X  

15134 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 15134
Description  2:1 Polyolefin Heat Shrink Tubing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

15134 Datasheet(HTML) 1 Page - Multicomp Pro

  15134 Datasheet HTML 1Page - Multicomp Pro 15134 Datasheet HTML 2Page - Multicomp Pro 15134 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
29/11/19
2:1 Polyolefin Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Characteristics
• Halogen Free
• Operating temperature -55°C to +125°C
• Minimum Shrink Temperature: 70°C
• Full recovery temperature: 125°C
• Shrink Ratio 2:1
• Available Colours: Green/Yellow, White, Green, Yellow, Blue, Red, Black, Grey.
Application
These heat shrink tubing is manufactured with modified radiation cross-linked polyolefin. The specially designed halogen
free formulation makes the tubing very flexible and shrinks at lower temperature. Suitable for applications where temperature
sensitive components protection, e.g. PVC jacketed wire and cable and quick shrinkage is required. It has good mechanical
and electrical performances.
Technical Data
Property
Test Method
Typical Data
Tensile Strength
ASTN D2671
≥10.4 Mpa
Ultimate Elongation
ASTN D2671
≥200%
Longitudinal Shrinkage
UL 224
+/-5%
Heat Aging
Tensile Strength
Ultimate Elongation
158°C, 168hr.
≥7.3 Mpa
≥100%
Heat shock
250°C, 4hrs.
No cracking, No dripping
Flammability
FMVSS302
Pass
Dielectric Strength
ASTM D150
≥15 kV/mm
Volume Resistivity
ASTM D2671
≥1 × 1014 Ω cm
Copper Stability
UL224
Pass
Copper Corrosion
UL224
No corrosion


Similar Part No. - 15134

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15134 MOLEX-15134 Datasheet
679Kb / 5P
Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
2024.04 Rev.7
logo
Pro-Power
15134 PROPOWER-15134 Datasheet
288Kb / 3P
2:1 Polyolefin Heat Shrink Tubing
V1.0 29/11/19
logo
Turck, Inc.
1513401 TURCK-1513401 Datasheet
385Kb / 3P
Inductive Sensor
11/07/2023
1513402 TURCK-1513402 Datasheet
400Kb / 3P
Inductive Sensor – With Increased Temperature Range
11/07/2023
logo
PHOENIX CONTACT
1513402 PHOENIX-1513402 Datasheet
518Kb / 19P
SAC-3P-M 8SIFR-2L/.../... - Sensor/actuator cable
More results

Similar Description - 15134

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
logo
Qualtek Electronics Cor...
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
HST-XX-XX-X ADAM-TECH-HST-XX-XX-X Datasheet
867Kb / 2P
HEAT SHRINK TUBING, SINGLE WALL, FLAME RETARDANT POLYOLEFIN
Rev. B
logo
TE Connectivity Ltd
DWHF TEC-DWHF Datasheet
169Kb / 2P
DWHF – IRRADIATED MODIFIED POLYOLEFIN DUAL WALL HEAT SHRINK TUBING
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com