Electronic Components Datasheet Search
  English  ▼

X  

HS115 Datasheet(PDF) 2 Page - Multicomp Pro

Part # HS115
Description  Adhesive Lined Heat Shrink Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HS115 Datasheet(HTML) 2 Page - Multicomp Pro

  HS115 Datasheet HTML 1Page - Multicomp Pro HS115 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
15/12/20
Adhesive Lined Heat Shrink Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Part Number Table
Description
Part Number
Adhesive Lined Heat Shrink Tubing, 3:1, 1/8", 3.2mm, Black, 10m
HS114
Adhesive Lined Heat Shrink Tubing, 3:1, 1/8”, 3.2mm, Black, 200m
HS114-200
Adhesive Lined Heat Shrink Tubing, 3:1, 3/16",4.8mm, Black, 10m
HS115
Adhesive Lined Heat Shrink Tubing, 3:1, 3/16”,4.8mm, Black, 100m
HS115-100
Adhesive Lined Heat Shrink Tubing, 3:1, 1/4",6.4mm, Black, 10m
HS116
Adhesive Lined Heat Shrink Tubing, 3:1, 1/4”,6.4mm, Black, 100m
HS116-100
Adhesive Lined Heat Shrink Tubing, 3:1, 5/16",7.9mm, Black, 10m
HS117
Adhesive Lined Heat Shrink Tubing, 3:1, 5/16”,7.9mm, Black, 100m
HS117-100
Adhesive Lined Heat Shrink Tubing, 3:1, 3/8", 9.5mm, Black, 10m
HS118
Adhesive Lined Heat Shrink Tubing, 3:1, 3/8”, 9.5mm, Black, 50m
HS118-50
Adhesive Lined Heat Shrink Tubing, 3:1, 1/2",12.7mm, Black, 10m
HS119
Adhesive Lined Heat Shrink Tubing, 3:1, 1/2”,12.7mm, Black, 25m
HS119-25
Adhesive Lined Heat Shrink Tubing, 3:1, 5/8",15mm, Black, 10m
HS120
Adhesive Lined Heat Shrink Tubing, 3:1, 5/8”,15mm, Black, 25m
HS120-25
Adhesive Lined Heat Shrink Tubing, 3:1, 3/4",19.1mm, Black, 10m
HS121
Adhesive Lined Heat Shrink Tubing, 3:1, 3/4”,19.1mm, Black, 25m
HS121-25
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com