Electronic Components Datasheet Search
  English  ▼

X  

TPS54880PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54880PWPR
Description  4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™) FOR SEQUENCING
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54880PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54880PWPR Datasheet HTML 9Page - Texas Instruments TPS54880PWPR Datasheet HTML 10Page - Texas Instruments TPS54880PWPR Datasheet HTML 11Page - Texas Instruments TPS54880PWPR Datasheet HTML 12Page - Texas Instruments TPS54880PWPR Datasheet HTML 13Page - Texas Instruments TPS54880PWPR Datasheet HTML 14Page - Texas Instruments TPS54880PWPR Datasheet HTML 15Page - Texas Instruments TPS54880PWPR Datasheet HTML 16Page - Texas Instruments TPS54880PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS54880
SLVS450A − OCTOBER 2002 REVISED APRIL 2005
www.ti.com
13
Figure 20 shows the schematic diagram for a power
supply tracking design using a TPS2034 high side power
switch and a TPS54880 device. The TPS2034 power
switch ensures the I/O voltage is not applied to the load
before U1 has enough bias voltage to operate and
generate the core voltage.
R3
Distribution Switch
VOUT_I/O
U1
RT
ENA
TRACKIN
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
PwrPad
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
10 kΩ
R1
10 kΩ
R4
10 kΩ
R6
9.76 kΩ
VIN
C6
10 µF
C7
10 µF
C2
1 µF
C5
0.047 µF
L1
0.65 µH
R9
2.2 Ω
C11
3300 pF
C1
470 pF
C4
12 pF
R5
10 kΩ
C8
22 µF
C9
22 µF
C10
22 µF
R7
301 Ω
C3
470 pF
R8
9.76 kΩ
R2
71.5 kΩ
Analog and Power Grounds are Tied at
the Power Pad Under the Package of IC
VOUT_CORE
TPS2034
Figure 20. Typical Application With Power Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com