Electronic Components Datasheet Search
  English  ▼

X  

MP005998 Datasheet(PDF) 2 Page - Multicomp Pro

Part # MP005998
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005998 Datasheet(HTML) 2 Page - Multicomp Pro

  MP005998 Datasheet HTML 1Page - Multicomp Pro MP005998 Datasheet HTML 2Page - Multicomp Pro MP005998 Datasheet HTML 3Page - Multicomp Pro MP005998 Datasheet HTML 4Page - Multicomp Pro MP005998 Datasheet HTML 5Page - Multicomp Pro MP005998 Datasheet HTML 6Page - Multicomp Pro MP005998 Datasheet HTML 7Page - Multicomp Pro MP005998 Datasheet HTML 8Page - Multicomp Pro MP005998 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Page <2>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Construction
Cement: Wire Wound Type
Cement: Power Film Type
List of Material
No. Subpart Name
Material
Material Generic Name
1
Body
Rod Type Ceramics
Al2O3, SiO2
2
End Cap
Tin plated iron surface
Tin: 5%, Iron: 95%
3
Lead
Annealed copper wire
Tin-Plated Copper wire
4
Ceramic Case
Ceramic
Al2O3, SiO2
5
Resistance wire
Resistance film
Cu-Ni Alloy / Ni-Cr Alloy
Metal Oxide Film
Cu-Ni Alloy / Ni-Cr Alloy
Metal Oxide Film
6
Filling Materials
Quartz mixed sand
SiO2
Characteristic
Characteristics
Limits
Test Methods
(JIS C 5201-1)
Dielectric withstanding
voltage
No evidence of flashover, mechanical
damage, arcing or insulation break down
Resistors shall be clamped in the trough of a 90°
metallic V-block and shall be tested at AC potential
respectively for 60 +10/ -0 secs.
Temperature coefficient
﹤20Ω: ± 400 PPM/°C
≥ 20Ω: ± 350 PPM/°C
Natural resistance change per temp.
degree centigrade.
R2-R1
× 106 (PPM/°C)
R1(t2-t1)
R1: Resistance value at room temperature (t1)
R2: Resistance value at room temp. plus 100°C (t2)
Short time overload
Resistance change rate is ±(5% + 0.05Ω)
Max. with no evidence of mechanical
damage
Permanent resistance change after the application of
a potential of 2.5 times RCWV for 5 seconds
Terminal strength
No evidence of mechanical damage
Direct load:
Resistance to a 2.5 kgs direct load for 10 secs. in the
direction of the longitudinal axis of the terminal leads
Twist test:
Terminal leads shall be bent through 90° at a point
of about 6mm from the body of the resistor and shall
be rotated through 360° about the original axis of the
bent terminal in alternating direction for a total of 3
rotations



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com