Electronic Components Datasheet Search
  English  ▼

X  

TPS64200DBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS64200DBVR
Description  S0T23 STEP-DOWN CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS64200DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS64200DBVR Datasheet HTML 18Page - Texas Instruments TPS64200DBVR Datasheet HTML 19Page - Texas Instruments TPS64200DBVR Datasheet HTML 20Page - Texas Instruments TPS64200DBVR Datasheet HTML 21Page - Texas Instruments TPS64200DBVR Datasheet HTML 22Page - Texas Instruments TPS64200DBVR Datasheet HTML 23Page - Texas Instruments TPS64200DBVR Datasheet HTML 24Page - Texas Instruments TPS64200DBVR Datasheet HTML 25Page - Texas Instruments TPS64200DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
22
Ceramic Output Capacitor
SW
CDRH6D28-100
Si5475DC
MBRM120LT3
EN
GND
FB
VIN
ISENSE
5 V
CI
10
µF
TPS64203
R1a
680 k
Ω
R2
300 k
Ω
Cff
82 pF
Co
22
µF X5R
6.3 V
3.3 V / 2 A
R1b
2.2 M
Ω
R(ISENSE) = 33 mΩ
R(GATE)
10
Ω
1
2
3
6
5
4
10
µH
Figure 27. Application Using a Ceramic Output Capacitor
The control scheme of the TPS6420x usually requires an output capacitor with some tens of milliohms of ESR
for stability, which is usually the case for tantalum capacitors. This application circuit above also works with
ceramic capacitors. Resistor R1b is used to add an additional control signal to the feedback loop, which is
coupled into the FB pin. The circuit works best with R1b = 2
…4 x R1a. If the resistance of R1b is too low
compared to R1a, the more load regulation the output voltage shows, but stability is best. The advantage of
this circuit is a very low output voltage ripple and small size. The gate resistor shown can be used in every
application. It minimizes switching noise of the converter and, therefore, increases stability and provides lower
output voltage ripple. However, it decreases efficiency slightly because the rise and fall time, and the associated
losses are larger.
(28)
R1
+
1
1
R1a
) 1
R1b
R1b
+
1
1
R1
– 1
R1a
Use the following equation to calculate R1a if R1b = 4R1a
R1a
+ 5
4
R1
(29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com