Electronic Components Datasheet Search
  English  ▼

X  

TPS62007DGS Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62007DGS
Description  TPS6200x High-Efficiency Step-Down Low Power DC-DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62007DGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62007DGS Datasheet HTML 9Page - Texas Instruments TPS62007DGS Datasheet HTML 10Page - Texas Instruments TPS62007DGS Datasheet HTML 11Page - Texas Instruments TPS62007DGS Datasheet HTML 12Page - Texas Instruments TPS62007DGS Datasheet HTML 13Page - Texas Instruments TPS62007DGS Datasheet HTML 14Page - Texas Instruments TPS62007DGS Datasheet HTML 15Page - Texas Instruments TPS62007DGS Datasheet HTML 16Page - Texas Instruments TPS62007DGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
2
O
I
L
L
O
L(max)
O(max)
V
1
V
I
I = V
I
I
L
f
-
D
D
´
=
+
´
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
www.ti.com
SLVS294F – SEPTEMBER 2000 – REVISED AUGUST 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
9.2.2.1 Inductor Selection
A 10
μH minimum output inductor is used with the TPS6200x. Values larger than 22 μH or smaller than 10 μH
may cause stability problems because of the internal compensation of the regulator.
For output voltages greater than 1.8 V, a 22
μH inductance might be used in order to improve the efficiency of
the converter.
After choosing the inductor value of typically 10
μH, two additional inductor parameters should be considered:
first the current rating of the inductor and second the DC resistance.
The DC resistance of the inductance influences directly the efficiency of the converter. Therefore, an inductor
with lowest DC resistance should be selected for highest efficiency.
In order to avoid saturation of the inductor, the inductor should be rated at least for the maximum output current
plus the inductor ripple current which is calculated as:
Where:
•
ƒ = Switching frequency (750 kHz typical)
•
L = Inductor value
•
ΔIL = Peak-to-peak inductor ripple current
•
IL(max) = Maximum inductor current
(4)
The highest inductor current occurs at maximum VIN.
A more conservative approach is to select the inductor current rating just for the maximum switch current of the
TPS6200x which is 1.6 A with ILIM = VIN and 900 mA with ILIM = GND. See Table 1 for recommended inductors.
Table 1. Tested Inductors
OUTPUT CURRENT
INDUCTOR VALUE
COMPONENT SUPPLIER
COMMENTS
0 mA to 600 mA
10
μH
Coilcraft DO3316P-103
High efficiency
Coilcraft DT3316P-103
Sumida CDR63B-100
Sumida CDRH5D28-100
Coilcraft DO1608C-103
Smallest solution
Sumida CDRH4D28-100
0 mA to 300 mA
10
μH
Coilcraft DO1608C-103
High efficiency
Murata LQH4C100K04
Smallest solution
9.2.2.2 Output Capacitor Selection
For best performance, a low ESR output capacitor is needed. At output voltages greater than 1.8 V, ceramic
output capacitors can be used to show the best performance. Output voltages below 1.8 V require a larger output
capacitor and ESR value to improve the performance and stability of the converter.
Table 2. Capacitor Selection
OUTPUT VOLTAGE RANGE
OUTPUT CAPACITOR
OUTPUT CAPACITOR ESR
1.8 V
≤ VIN ≤ 5.5 V
Co ≥ 10 μF
ESR
≤ 120 mΩ
0.8 V
≤ VIN < 1.8 V
Co ≥ 47 μF
ESR > 50 m
Ω
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62000 TPS62001 TPS62002 TPS62003 TPS62004 TPS62005 TPS62006 TPS62007
TPS62008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com