Electronic Components Datasheet Search
  English  ▼

X  

DS5 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # DS5
Description  Part Number System for Non-Shrink PVC Tubing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

DS5 Datasheet(HTML) 1 Page - PANDUIT CORP.

  DS5 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R I C A L S O LU T I O N S
Order number of pieces required, in multiples of Standard Package Quantity.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Non-Shrink PVC Tubing
• Provides insulation and protection for lead wires, wire harness
assemblies, soldered joints and components in electrical and
electronic equipment
• All purpose flexible and non-shrinkable
• Resistant to heat and moisture
• Flammability: Meets UL 224 VW-1
• Voltage rating: 300 V and 600 V
• ASTM D-922 Grade CFR
• MIL-I-631 Type F, Form U, Grade C- Class 1 Category 1
• Material: Polyvinyl chloride (PVC)
• UL oil resistant class 1 rating
• Continuous use temperature range: -4°F – 221°F (-20°C – 105°C)
Duct Seal – Sealing Compounds
• Seals irregular openings from air, dust, or water
• Non-hardening sealant that adheres to metal, masonry, wood
or plastic
• Provides vibration dampening
• Safe and easy to use, non-corrosive, non-toxic, no asbestos, will
not stain or harm hands, and no unpleasant odor.
• Dielectric strength: 200 V/Mil, Min .030" thick
Part Number
Description
Std.
Pkg.
Qty.
DS1
Duct seal (sealing compound) 1 lb. package
1
DS5
Duct seal (sealing compound) 5 lb. package
1
12
= 12 AWG
6
= 6 AWG
3
= 3 AWG
1
= 1 AWG
0.38 = 3/8"
0.50 = 1/2"
0.75 = 3/4"
1.0 = 1"
100' (30.5m)
250' (76.2m)
500' (152.4m)
1000' (304.8m)
C
TL
D
M
Package Quantity
Type
TV105 = PVC Tubing
Part Number System for Non-Shrink PVC Tubing
TV105
12
M
–
=
=
=
=
Nominal Size
Part Number
Color
Nominal
Size
Length
Per Reel
Max. Inside
Diameter
Wall
Thickness
Max. Voltage
Rating
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Ft.
m
In
mm
In
mm
TV105-12MY
Clear
12 AWG
1000
304.8
0.089
2.26
0.016
0.41
300 V
1
2
TV105-12M20Y
Black
12 AWG
1000
304.8
0.089
2.26
0.016
0.41
300 V
1
2
TV105-6MY
Clear
6 AWG
1000
304.8
0.178
4.52
0.020
0.51
300 V
1
2
TV105-6M20Y
Black
6 AWG
1000
304.8
0.178
4.52
0.020
0.51
300 V
1
2
TV105-3MY
Clear
3 AWG
1000
304.8
0.249
6.32
0.020
0.51
300 V
1
2
TV105-3M20Y
Black
3 AWG
1000
304.8
0.249
6.32
0.020
0.51
300 V
1
2
TV105-1MY
Clear
1 AWG
1000
304.8
0.311
7.89
0.020
0.51
300 V
1
—
TV105-1M20Y
Black
1 AWG
1000
304.8
0.311
7.89
0.020
0.51
300 V
1
—
TV105-.38DY
Clear
3/8
500
152.4
0.399
10.13
0.025
0.64
600 V
1
—
TV105-.38D20Y
Black
3/8
500
152.4
0.399
10.13
0.025
0.64
600 V
1
—
TV105-.50DY
Clear
1/2
500
152.4
0.524
13.30
0.025
0.64
600 V
1
—
TV105-.50D20Y
Black
1/2
500
152.4
0.524
13.30
0.025
0.64
600 V
1
—
TV105-.75TLY
Clear
3/4
250
76.2
0.786
19.96
0.035
0.89
600 V
1
—
TV105-.75TL20Y
Black
3/4
250
76.2
0.786
19.96
0.035
0.89
600 V
1
—
TV105-1.0CY
Clear
1
100
30.5
1.036
26.31
0.035
0.89
600 V
1
2
TV105-1.0C20Y
Black
1
100
30.5
1.036
26.31
0.035
0.89
600 V
1
2
Leave Blank = Clear
20
= Black
Color Suffix


Similar Part No. - DS5

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
power light source LUXEON짰 Flash Module
logo
SICK AG
DS50-N1112 SICK-DS50-N1112 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS50-N1122 SICK-DS50-N1122 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS50-P1122 SICK-DS50-P1122 Datasheet
573Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DS5

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-XT QUALTEK-Q2-XT Datasheet
629Kb / 1P
NON-SHRINK THIN WALL TUBING
logo
ITT Industries
DC-37S ITT-DC-37S Datasheet
35Kb / 1P
Datasheet for part number DC37S
DCM21WA4P ITT-DCM21WA4P Datasheet
35Kb / 1P
Datasheet for part number DCM21WA4P
DD50PA191 ITT-DD50PA191 Datasheet
35Kb / 1P
Datasheet for part number DD50PA191
DD-50P-A191-K87 ITT-DD-50P-A191-K87 Datasheet
34Kb / 1P
Datasheet for part number DD50PA191K87
DDM24W7S ITT-DDM24W7S Datasheet
35Kb / 1P
Datasheet for part number DDM24W7S
DDMA-50P ITT-DDMA-50P Datasheet
35Kb / 1P
Datasheet for part number DDMA50P
DEA9SA197FO ITT-DEA9SA197FO Datasheet
35Kb / 1P
Datasheet for part number DEA9SA197F0
DEMA-15P-F0 ITT-DEMA-15P-F0 Datasheet
35Kb / 1P
Datasheet for part number DEMA15PF0
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com