Electronic Components Datasheet Search
  English  ▼

X  

303 Datasheet(PDF) 1 Page - PANAVISE PRODUCTS, INC.

Part # 303
Description  Standard Head
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

303 Datasheet(HTML) 1 Page - PANAVISE PRODUCTS, INC.

  303 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model: 303 Standard Head
Our best selling general purpose Vise Head. Perfect for hobbies,
electronics and small home repairs! Select the 300, 305 or 380
Base and create your own versatile vise.
• Jaws are 2.5" (63.5mm) wide, 0.5" (12.6mm) tall and open
to 2.25" (57.1mm)
• Nylon jaws offer excellent electrical insulation and gentle
holding power
[continuous heat tolerance up to 200°F (93°C), intermittent heat to 300°F (149°C)].
• Vice accessories available for this Head
• Throat depth: 1.375" (34.9mm)
• Height: 4.25" (108.0mm), Weight: 1.5 lbs. (0.7kg)


Similar Part No. - 303

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
303 DBLECTRO-303 Datasheet
310Kb / 1P
SCREW TYPE SERIES
logo
CTS Corporation
303 CTS-303 Datasheet
163Kb / 2P
Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Energizer
303 ENERGIZER-303 Datasheet
73Kb / 1P
Silver Oxide Batteries
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
logo
Enercon Technologies Eu...
303 ENERCON-303 Datasheet
820Kb / 3P
IP 68 Military Rugged USB 3. Gen1 advanced featured Smart HUB
October 24, 2021
More results

Similar Description - 303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-4409 ETC1-151-4409 Datasheet
29Kb / 1P
Pan Head, Cross Head Metric Screws
logo
PHOENIX CONTACT
SF-Z0003 PHOENIX-SF-Z0003 Datasheet
44Kb / 2P
Crimp head
SF-Z0039 PHOENIX-SF-Z0039 Datasheet
44Kb / 2P
Crimp head
SF-Z0047 PHOENIX-SF-Z0047 Datasheet
47Kb / 1P
Crimp head
logo
Festo Corporation.
8066469 FESTO-8066469 Datasheet
86Kb / 1P
Camera head
logo
Pepperl+Fuchs Inc.
WCS3R-LS24AH PF-WCS3R-LS24AH Datasheet
188Kb / 3P
Reading head
WCS3R-LS310-Y211384 PF-WCS3R-LS310-Y211384 Datasheet
256Kb / 2P
Read head
WCS2B-LS211 PF-WCS2B-LS211 Datasheet
263Kb / 2P
Read head
WCS2B-LS221 PF-WCS2B-LS221 Datasheet
263Kb / 2P
Read head
WCS2B-LS310 PF-WCS2B-LS310 Datasheet
263Kb / 2P
Read head
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com