Electronic Components Datasheet Search
  English  ▼

X  

312 Datasheet(PDF) 1 Page - PANAVISE PRODUCTS, INC.

Part # 312
Description  Tray Base Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

312 Datasheet(HTML) 1 Page - PANAVISE PRODUCTS, INC.

  312 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model: 312 Tray Base Mount
Neatly organizes your small parts and tools!This cast aluminum Base Mount adds stability and has six
integral parts wells with rounded and sloped walls for easy parts retrieval.
• Compatible with the 201 PV Jr. Vise and 300 & 305 Bases
• Includes six non-marring, anti-skid pads
• Three 1/4-20 holes are drilled and tapped on the outer lip for mounting accessories such as the
371 Solder Station (page 23)
• Overall diameter: 8.5" (215.9mm)
• Height: 0.75" (19.1mm), Weight: 1.9 lbs. (0.9kg)


Similar Part No. - 312

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
312 APITECH-312 Datasheet
1Mb / 7P
Pre-Filtered GPS LNA
logo
Heyco.
312 HEYCO-312 Datasheet
120Kb / 1P
Heavy Duty Ground Pins – Male
logo
France Joint
312 FRANCEJOINT-312 Datasheet
359Kb / 2P
ROD SEALS
logo
Ashcroft, Inc.
312 ASHCROFT-312 Datasheet
1Mb / 4P
311/312 All-Welded Midi Threaded Seals
Rev. A, 04/19
logo
Littelfuse
312 LITTELFUSE-312 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 312

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
Varistor Products - Base Mount
logo
List of Unclassifed Man...
KT4-BK ETC2-KT4-BK Datasheet
45Kb / 1P
Base Mount Terminal Blocks
logo
Molex Electronics Ltd.
73415-1063 MOLEX11-73415-1063 Datasheet
33Kb / 1P
50 Ohms, MCX Jack, Edge Mount Receptacle, Tray
0734154670 MOLEX11-0734154670 Datasheet
45Kb / 1P
50 Ohms, SSMCX Jack, Edge Mount, Tray
0733000020 MOLEX11-0733000020 Datasheet
67Kb / 1P
SMPM Plug, Edge Mount, 50 Ohm, Full Detent, Tray
0732540430 MOLEX11-0732540430 Datasheet
74Kb / 1P
50 Ohms, QMA Straight Flange Mount Jack, Tray
0731740470 MOLEX-0731740470_V01 Datasheet
32Kb / 1P
50 Ohms, DIN 1.0/2.3 Jack, Edge Mount, Tray
0732540430 MOLEX-0732540430_V01 Datasheet
66Kb / 1P
50 Ohms, QMA Straight Flange Mount Jack, Tray
logo
PANDUIT CORP.
FMT1 PANDUIT-FMT1 Datasheet
108Kb / 2P
FIBER MOUNT TRAY (FIXED TRAY) IRU (FMTI)
2/26/02
logo
Lapp.
UDB221803 LAPP-UDB221803 Datasheet
106Kb / 2P
ÖLFLEX® TRAY II & TRAY II CY
January 1, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com