Electronic Components Datasheet Search
  English  ▼

X  

376 Datasheet(PDF) 1 Page - PANAVISE PRODUCTS, INC.

Part # 376
Description  Self-Centering, Extra Wide Opening Head
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANAVISE [PANAVISE PRODUCTS, INC.]
Direct Link  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

376 Datasheet(HTML) 1 Page - PANAVISE PRODUCTS, INC.

  376 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model: 376 Self-Centering, Extra Wide Opening Head
Hold larger, heavier objects with this versatile
Vise Head.By centering weight, this Vise
Heads holds even larger and heavier objects
with ease. Jaws open a full 9".
• Self-centering, extra-wide opening jaws
open a full 9" (228.6mm) and hold heavy
objects by centering weight over the base
• Ribbed, neoprene jaw pads are 1.875" (47.6mm) high x 1.5"
(38.1mm) wide and provide a sure grip; reverse the pads and the
wide "V" holds round or elliptical objects
• "Double action" jaws open/close quickly. Jaws can be reversed
to provide 0" closure
• Black oxide coating reduces glare and promotes eye comfort
• Compatible with all 300 series Bases
• Head Length: 11.5" (292.1mm)
• Height (shaft to top of jaw pads): 5.25" (133.3mm), Weight: 1.9 lbs. (0.9kg)


Similar Part No. - 376

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Energizer
376 ENERGIZER-376 Datasheet
214Kb / 1P
Silver Oxide Batteries
logo
Fluke Corporation
376 FLUKE-376 Datasheet
97Kb / 2P
Work horse clamp with increased performance and flexibility
logo
Amphenol Wilcoxon Sensi...
376 WILCOXON-376 Datasheet
206Kb / 1P
High temperature accelerometer
Rev.E.1 09/18
376 WILCOXON-376 Datasheet
320Kb / 1P
Accelerometer/charge amplifier system
Rev.B.2 11/22
More results

Similar Description - 376

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-51J FUJI-EDS10-51J Datasheet
599Kb / 8P
WIDE SCALE SELF-BALANCING RECORDER KERS
logo
Artesyn Technologies
AGF700 ARTESYN-AGF700 Datasheet
861Kb / 3P
Extra wide trim range
logo
PHOENIX CONTACT
MICROFOX-PC-ESD PHOENIX-MICROFOX-PC-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD PHOENIX-MICROFOX-S-ESD Datasheet
49Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
MICROFOX-PC-ESD-DB PHOENIX-MICROFOX-PC-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
MICROFOX-S-ESD-DB PHOENIX-MICROFOX-S-ESD-DB Datasheet
46Kb / 2P
Opening spring for uniform, smooth opening
logo
Ledil, Inc.
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
~145째 100째 extra wide beam for uplighting
F17201 LEDIL-F17201 Datasheet
1Mb / 7P
~165째 130째 extra wide beam for uplighting
CA13892 LEDIL-CA13892 Datasheet
2Mb / 5P
~90째 extra wide beam optimized for LUXEON M/MX
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com