Electronic Components Datasheet Search
  English  ▼

X  

AD7703 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7703
Description  LC2 MOS 20-Bit A/D Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7703 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7703 Datasheet HTML 9Page - Analog Devices AD7703 Datasheet HTML 10Page - Analog Devices AD7703 Datasheet HTML 11Page - Analog Devices AD7703 Datasheet HTML 12Page - Analog Devices AD7703 Datasheet HTML 13Page - Analog Devices AD7703 Datasheet HTML 14Page - Analog Devices AD7703 Datasheet HTML 15Page - Analog Devices AD7703 Datasheet HTML 16Page - Analog Devices AD7703 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REV.
F
AD7703
–13–
VOLTAGE REFERENCE CONNECTIONS
The voltage applied to the VREF pin defines the analog input
range. The specified reference voltage is 2.5 V, but the AD7703
will operate with reference voltages from 1 V to 3 V with little
degradation in performance.
The reference input presents exactly the same dynamic load as
the analog input, but in the case of the reference input, source
resistance and long settling time introduce gain errors rather
than offset errors. Fortunately, most precision references have
sufficiently low output impedance and wide enough bandwidth
to settle to the required accuracy within 62 clock cycles.
The digital filter of the AD7703 removes noise from the reference
input, just as it does with noise at the analog input, and the same
limitations apply regarding lack of noise rejection at integer
multiples of the sampling frequency. Note that the reference
should be chosen to minimize noise below 10 Hz. The AD7703
typically exhibits 1.6 LSB rms noise in its measurements. This
specification assumes a clean reference. Many monolithic band gap
references are available, which can supply the 2.5 V needed for
the AD7703. However, some of these are not specified for noise,
especially in the 0.1 Hz to 10 Hz bandwidth. If the reference noise
in this bandwidth is excessive, it can degrade the performance of
the AD7703. Recommended references are the AD580 and the
LT1019. Both of these 2.5 V references typically have less than
10 µV p-p noise in the 0.1 Hz to 10 Hz band.
POWER SUPPLIES AND GROUNDING
AGND is the ground reference voltage for the AD7703, and is
completely independent of DGND. Any noise riding on the AGND
input with respect to the system analog ground will cause con-
version errors. AGND should, therefore, be used as the system
ground and also as the ground for the analog input and the
reference voltage.
The analog and digital power supplies to the AD7703 are inde-
pendent and separately pinned out to minimize coupling between
analog and digital sections of the device. The digital filter will
provide rejection of broadband noise on the power supplies,
except at integer multiples of the sampling frequency. There-
fore, the two analog supplies should be individually decoupled
to AGND using 100 nF ceramic capacitors to provide power
supply noise rejection at these frequencies. The two digital
supplies should similarly be decoupled to DGND.
The positive digital supply (DVDD) must never exceed the positive
analog supply (AVDD) by more than 0.3 V. Power supply sequenc-
ing is, therefore, important. If separate analog and digital supplies
are used, care must be taken to ensure that the analog supply is
powered up first.
It is also important that power is applied to the AD7703 before
signals at VREF, AIN, or the logic input pins in order to avoid
any possibility of latch-up. If separate supplies are used for
the AD7703 and the system digital circuitry, the AD7703 should
be powered up first.
A typical scheme for powering the AD7703 from a single set of
±5 V rails is shown in Figure 7. In this circuit, AVDD and DVDD
are brought along separate tracks from the same 5 V supply.
Thus, there is no possibility of the digital supply coming up
before the analog supply.
SLEEP MODE
The low power standby mode is initiated by taking the
SLEEP
input low, which shuts down all analog and digital circuits and
reduces power consumption to 10 µW. When coming out of
SLEEP mode, it is sometimes possible (when using a crystal to
generate CLKIN, for example) to lose the calibration coeffi-
cients. Therefore, it is advisable as a safeguard to always do a
calibration cycle after coming out of SLEEP mode.
DIGITAL INTERFACE
The AD7703’s serial communications port allows easy inter-
facing to industry-standard microprocessors. Two different
modes of operation are available, optimized for different types
of interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com