Electronic Components Datasheet Search
  English  ▼

X  

DSA01 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # DSA01
Description  Distinctive Characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

DSA01 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  DSA01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. DSA01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. DSA01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. DSA01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. DSA01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. DSA01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series DS
Tilt Switch
www.nkk.com
K
K3
Photo interrupter, rather than contacts, ensures
high reliability. 1 million operations minimum.
Sealed construction for protection from environmental
elements, including hydrogen sulfide, sulfur dioxide,
and nitrogen hydroxide. Terminals are made of
ammonia-resistant materials.
Totally sealed body allows process compatibility for time-
and money-saving automatic soldering and cleaning.
Space-saving compact dimensions allow high density mounting.
Internal steel ball movement allows functionality of 360°
circumference rotation.
The DSB series switch is well-suited to meet product safety
concerns due to normally closed (on) status.
Crimped terminals ensure secure mounting and prevent dislodging
during wave soldering.
The switch is triggered when tilted beyond ±30° of the horizontal.
DSB
DSA
Environmentally friendly, contains no mercury.
High contact reliability due to sealed body.
The switch is triggered when tilted beyond ±10° of the horizontal.
PCB adaptor available as an accessory.
DSB
DSA
Actual Sizes
Distinctive Characteristics


Similar Part No. - DSA01

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
DSA010 EICHHOFF-DSA010 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-550 EICHHOFF-DSA010-550 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-551 EICHHOFF-DSA010-551 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-552 EICHHOFF-DSA010-552 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
DSA010-553 EICHHOFF-DSA010-553 Datasheet
121Kb / 2P
Stabkerndrosseln Iron core chokes Selfs baton de fer
More results

Similar Description - DSA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
Distinctive Characteristics
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
Distinctive Characteristics
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
Distinctive Characteristics
DA04T ETC2-DA04T Datasheet
130Kb / 4P
Distinctive features and specifications
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
Distinctive features and specifications
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
Distinctive Characteristics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com