Electronic Components Datasheet Search
  English  ▼

X  

5767006-4 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 5767006-4
Description  Fine Pitch SMT Stacking Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5767006-4 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  5767006-4 Datasheet HTML 1Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 2Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 3Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 4Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 5Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 6Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 7Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 8Page - TE Connectivity Ltd 5767006-4 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
43
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Material and Performance Specifications, MICTOR Connectors
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Performance Specifications
Ratings
Voltage — 30 vac
Current — Signal; rated 1.0 Amps, fully derated 0.5 Amps
Ground; rated 11.5 Amps, fully derated 7.6 Amps
Temperature — -55°C to +125°C
Electrical Characteristics
Characteristic Impedance — 50±5 ohms at 1 ns
Termination Resistance —
∆R 10 milliohms max.; AMP Specification 109-6-1
Insulation Resistance — 10,000 megohms min.; AMP Specification 109-208-1
Dielectric Withstanding Voltage — 500 vac at sea level; AMP Specification 109-29-1
Mechanical Characteristics
Solderability — Solderable area shall have a 95% min. solder coverage; AMP Specification 109-11-1
Vibration (Random) — No discontinuities of 1µs or longer duration; AMP Specification 109-21-5
Physical Shock — No discontinuities of 1µs or longer duration; AMP Specification 109-26-1
Durability (Tested to) — Mate and unmate samples at a rate of 600 cycles max. per hour. 25 cycles, gold plating;
500 cycles, palladium-nickel plating; AMP Specification 109-27
Contact Retention — 1 lb min.; AMP Specification 109-30
Mating Force — 152 oz max. per 1/2 inch of connector (1 module). Each module equals 38 signal contacts and 1 ground bus;
AMP Specification 109-42
Unmating Force — 19 oz min. per 1/2 inch of connector (1 module). Each module equals 38 signal contacts and 1 ground bus;
AMP Specification 109-42
Environmental Characteristics
Thermal Shock — Subject mated samples to 5 cycles between -55°C and +125°C; AMP Specification 109-22
Humidity - Temperature Cycling — Subject mated samples to 10 cycles between +25°C and +65°C at 95% RH;
AMP Specification 109-23-3, Condition B
Temperature Cycling — Subject mated samples to 1024 cycles between -40°C and +60°C at 2 hours per cycle;
AMP Specification 109-75-1
Temperature Life — Subject mated samples to temperature life at +118°C for 792 hours;
AMP Specification 109-43
Mixed Flowing Gas — Subject mated samples to environmental class II for 14 days; AMP Specification 109-85-2
Material Specifications
Material
Housing — Liquid crystal polymer, black
Contacts — High reliability copper alloy
Ground Bus — Phosphor bronze
Finish (Gold Plating)
Contacts and Ground Bus — 0.00076 [.000030] min. gold on contact area, 0.00381-0.00635 [.000150-.000250] matte tin per
ASTM B 545 on leads, all over 0.00177-0.00445 [.000070-.000175] nickel.
Finish (Palladium-Nickel Plating)
Contacts and Ground Bus — 0.00013 [.000005] min. gold over, 0.00076 [.000030] min. palladium nickel on contact area,
0.00381-0.00635 [.000150-.000250] matte tin per ASTM B 545 on leads, all over 0.00191-0.00445 [.000075-.000175] nickel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com