Electronic Components Datasheet Search
  English  ▼

X  

5767006-5 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 5767006-5
Description  Fine Pitch SMT Stacking Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5767006-5 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  5767006-5 Datasheet HTML 1Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 2Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 3Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 4Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 5Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 6Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 7Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 8Page - TE Connectivity Ltd 5767006-5 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
41
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Introduction to the MICTOR Interconnection System
(0.64 [.025] Centerline)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Product Facts
■
76 dedicated signal lines
per linear inch
■
Surface mount family
designed for parallel and
right angle board-to-board,
flex-to-board and cable-to-
board configurations
■
0.64 [.025] centerline
contact spacing
■
Redundant interfaces on
mated contacts
■
Fifteen mated stack heights
available ranging from 6.60
[.260] to 31.90 [1.256]
■
Infrared and forced air
convection compatible
housing materials
■
Designed for 50-ohm
systems
■
Connector housings
polarized for correct mating
■
Built-in connector-to-board
retention feature
■
Connector can be separated
by peeling from one end to
the other
■
Various packaging styles
can be made available for
automated assembly
(tape and reel, tubes)
■
Recognized under the
Component Program of
Underwriter
Laboratories Inc.
File No. E28476
R
The MICTOR connector
family is based on the
microstrip concept of two
rows of signal contacts
divided by a center power
ground plane. MICTOR
connectors are mother-
board and daughtercard
compatible and include
designs for cable-to-board
applications.
Various mated heights are
available for parallel board-
to-board systems. Custom
stacking heights can be
provided. The MICTOR
connector family is avail-
able in 0.64 [.025] center-
lines and in sizes ranging
from 38 signal positions to
266 positions (in increments
of 38 positions). There is a
discrete ground bus every
12.7 [.50] of the connector
length, which can be
assigned to either power or
ground in any combination.
Redundant interfaces on
every signal line provide
added reliability. Two plating
options are available to
meet the needs of various
applications.
The housing material is
a liquid crystal polymer,
compatible with infrared
and forced air convection
operations.
The connector system uses
the solid ground bus
between the rows of signals
to provide low crosstalk and
excellent high-speed signal
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com