Electronic Components Datasheet Search
  English  ▼

X  

MGC3130 Datasheet(PDF) 33 Page - Microchip Technology

Part # MGC3130
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 29Page - Microchip Technology MGC3130 Datasheet HTML 30Page - Microchip Technology MGC3130 Datasheet HTML 31Page - Microchip Technology MGC3130 Datasheet HTML 32Page - Microchip Technology MGC3130 Datasheet HTML 33Page - Microchip Technology MGC3130 Datasheet HTML 34Page - Microchip Technology MGC3130 Datasheet HTML 35Page - Microchip Technology MGC3130 Datasheet HTML 36Page - Microchip Technology MGC3130 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
MGC3130 HILLSTAR DEVELOPMENT
KIT USER’S GUIDE
 2013 Microchip Technology Inc.
DS40001721A-page 33
Chapter 5. Troubleshooting
Troubleshooting Information
Power LED does not illuminate
In case the power LED does not illuminate it is likely that the board is not powered.
Possible Solutions:
• Check the board is connected to your PC’s USB port.
• Change the USB cable or use a different USB port on your PC.
• Check if the PC is switched on.
LED 1 blinks fast
When LED 1 blinks fast (~10 Hz) the USB connection is not established towards the PC.
Possible Solutions:
• Make sure the Windows CDC driver is installed (refer to Appendix D. “Driver Installation Man-
ual”).
• Makes sure the MGC3130 Unit and the I2C™ to USB Bridge are already connected before plugging
in the USB connection (refer to Section 2.2 “Step 1: Build-up Development Kit”).
• Reconnect the board by unplugging and plugging in again the USB connection.
Signal streaming stops
Signal stream in Aurea GUI stops when there is no approach towards the sensing area. This behavior is
intended. When using the Aurea GUI, the Wake-up on Approach feature is automatically enabled.
Possible Solutions:
Disable the Wake-up on Approach feature in the Real-Time Control bar of Aurea by unchecking the
Approach Detection/Power Saving check box for continuous signal streaming.
No Position data displayed, Electrode signals are zero
Signal matching parameters have been mismatched and accidentally stored into the Flash.
Possible Solutions:
• Perform “Autoparameterization” in the AFE Parameterization of Aurea Setup tab. Make sure there is
no hand approach towards the electrodes during autoparamterization process.
• Restore the default Signal Matching parameters by re-flashing the original MGC3130 GestIC®
Library file.
LED 1 and 2 on I2C™ to USB Bridge are off
When LED 1 and LED 2 on the I2C™ to USB Bridge are off but the power LED is on, the PIC18F14K50
is in Bootloader Update mode and therefore not operating code. The PIC18F14K50 will start in Bootloader
Update mode in case the MGC3130 Unit is not connected to the I2C™ to USB Bridge.
Possible Solutions:
• Please disconnect the I2C™ to USB Bridge from USB. Connect the MGC3130 Unit and the I2C™ to
USB Bridge first and then plug in the USB connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com