Electronic Components Datasheet Search
  English  ▼

X  

4232 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4232
Description  Multifunctional USB Digital Tester - USB A and C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4232 Datasheet(HTML) 1 Page - Adafruit Industries

  4232 Datasheet HTML 1Page - Adafruit Industries 4232 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Multifunctional USB Digital Tester - USB A
and C
PRODUCT ID: 4232
 
While this may appear to be an electronic shuriken, it's actually a Multifunctional
USB Digital Tester!
This handy (pun intended?) tool can measure voltage, current, power, charge
time, and other measurements for USB A, Micro B, and USB C! It features a
colorful display that pops up when you plug in a power supply. Each click of the
button gives you a different display and readout. A long press will reset the data
for when it does Coulomb-counting (total power consumption). We like the
simple display that comes up first with big Voltage and Current output, but you
have lots of options.
There's 4 connectors so you can go from type A to C, type A to A or type C to C.
Works great with laptops, smartphones, tablets, what have you, it's perfect for
testing any USB power setup but this model is a little nicer in that it is also good
for USB C with its higher current and voltage capabilities - up to 32V and 5A!


Similar Part No. - 4232

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4232 FILTRONIC-4232 Datasheet
323Kb / 2P
POWER DIVDERS - TWO WAY, 1TO 18 GHZ
logo
Peregrine Semiconductor...
4232 PEREGRINE-4232 Datasheet
265Kb / 8P
SPST CATV UltraCMOS??Switch
logo
API Technologies Corp
4232 APITECH-4232 Datasheet
180Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
4232 APITECH-4232 Datasheet
175Kb / 2P
POWER DIVIDERS
More results

Similar Description - 4232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Tripp Lite. All Rights ...
T050-001-USB-A TRIPPLITE-T050-001-USB-A Datasheet
168Kb / 3P
USB-A Voltage and Current Tester Kit - LCD Screen, USB 3.1 Gen 1, M/F
T050-001-USB-C TRIPPLITE-T050-001-USB-C Datasheet
172Kb / 3P
USB-C Voltage and Current Tester Kit - LCD Screen, USB 3.1 Gen 1, M/F
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
logo
List of Unclassifed Man...
USBA2C1MOUSBC ETC-USBA2C1MOUSBC Datasheet
165Kb / 1P
DETACHABLE USB CORD, USB A TO USB C TYPE 2.0
11/18/18
logo
PHOENIX CONTACT
2404677 PHOENIX-2404677 Datasheet
101Kb / 4P
Connecting cable - CAB-USB A/ USB C/1,8M
Dec 8, 2022
logo
Coolgear Inc.
CG-7PU312C COOLGEAR-CG-7PU312C Datasheet
119Kb / 3P
USB-C 7 Port Hub with 2 USB-C and 5 USB-A – DIN Rail and Surge Protection
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com