Electronic Components Datasheet Search
  English  ▼

X  

4256 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4256
Description  Brass Heat-Set Inserts for Plastic - M3 x 3mm - 50 pack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4256 Datasheet(HTML) 1 Page - Adafruit Industries

  4256 Datasheet HTML 1Page - Adafruit Industries 4256 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Brass Heat-Set Inserts for Plastic - M3 x
3mm - 50 pack
PRODUCT ID: 4256
Wanna improve the connection strength between your project's 3D-printed
parts, and also have nice clean surfaces? Instead of gluing bits together, or
screwing plastic screws directly into your 3D prints, use strong and reusable
machine screws and heat-set inserts. Heat set inserts are only a few cents a
piece and have a grooved outside, with theads on the inside. Originally they
were designed for injection molded parts but they work fabulously for 3D
printed plastic as well.
You could use a plain soldering iron to try to heat-press these in - Heat up the
iron and use it to press the insert in, wait for it to cool, then use like a hex nut
that's embedded inside the plastic. We strongly recommend our heat-set insert
tool for soldering irons because it's really hard to insert them straight otherwise
and you risk damaging your print!


Similar Part No. - 4256

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4256 PEREGRINE-4256 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Heyco.
4256 HEYCO-4256 Datasheet
93Kb / 1P
Drive Fasteners
logo
Peregrine Semiconductor...
4256-00 PEREGRINE-4256-00 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
4256-01 PEREGRINE-4256-01 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
4256-02 PEREGRINE-4256-02 Datasheet
348Kb / 8P
75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
More results

Similar Description - 4256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS40 ETC1-HS40 Datasheet
121Kb / 1P
Tap / Die Set, M3 to M12, HSS
logo
PHOENIX CONTACT
1403779 PHOENIX-1403779 Datasheet
55Kb / 2P
Fillister head screw with plastic knurl, M3 x 40
logo
Tripp Lite. All Rights ...
N2LOCK-KEY-RD TRIPPLITE-N2LOCK-KEY-RD Datasheet
162Kb / 1P
Security Key for Tripp Lite RJ45 Plug Locks and Locking Inserts, Red, 2 Pack
N2LPLUG-010-YW TRIPPLITE-N2LPLUG-010-YW Datasheet
167Kb / 2P
Universal RJ45 Locking Inserts, Yellow, 10 Pack
logo
PHOENIX CONTACT
1413987 PHOENIX-1413987 Datasheet
176Kb / 3P
Screw set - CUC-V14-A-SCREW-M3:20
logo
SparkFun Electronics
ROB-12104 SPARKFUN-ROB-12104 Datasheet
97Kb / 1P
Hub - Set Screw (3mm Bore)
2/4/2016
ROB-12512 SPARKFUN-ROB-12512 Datasheet
95Kb / 1P
Set Screw Hub - 3mm Bore
2/5/2016
logo
FIBOX Enclosing innovat...
8120834 FIBOX-8120834 Datasheet
57Kb / 2P
Plastic Wall mounting lugs set for 5070-8060
11.01.2023
8120835 FIBOX-8120835 Datasheet
57Kb / 2P
Plastic Wall mounting lugs set for 5070-8060
11.01.2023
7700101 FIBOX-7700101 Datasheet
46Kb / 1P
Brass insert set for PC/ABS
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com