Electronic Components Datasheet Search
  English  ▼

X  

4271 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4271
Description  Slide Potentiometer with Plastic Knob - 35mm Long - 10KΩ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4271 Datasheet(HTML) 1 Page - Adafruit Industries

  4271 Datasheet HTML 1Page - Adafruit Industries 4271 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Slide Potentiometer with Plastic Knob -
35mm Long - 10KΩ
PRODUCT ID: 4271
DESCRIPTION
Slip slidin' away
Slip slidin' away
You know the nearer your resistance
The more you're slip slidin' away
If you're tired of the regular-old-twisty potentiometers we carry, why
not
slide over and try this slide pot? Most famously used on mixers and the
transporter control panel on Star Trek, these slide pots are so cute and short at
only 35mm. Use as a voltage divider, and you can visually gauge the voltage
from low to high. Comes with a grippy plastic knob!
Comes as a standard 10K ohm linear potentiometer, and it works great for
breadboarding and prototyping. You can solder to the 3 legs or sorta push it
into a solderless breadboard (or a perfboard with large holes).
It has a nice feel, sliding it back and forth is
quite satisfying.


Similar Part No. - 4271

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4271 PEREGRINE-4271 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Heyco.
4271 HEYCO-4271 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
logo
Peregrine Semiconductor...
4271-00 PEREGRINE-4271-00 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
4271-01 PEREGRINE-4271-01 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
4271-02 PEREGRINE-4271-02 Datasheet
300Kb / 8P
SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results

Similar Description - 4271

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
Knob Potentiometer
19-Dec-07
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
logo
Bourns Electronic Solut...
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
logo
Vishay Siliconix
P16S VISHAY-P16S Datasheet
106Kb / 5P
Knob Potentiometer with Switch
24-Sep-15
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
Schneider Electric
9001K48 SCHNEIDER-9001K48 Datasheet
157Kb / 2P
30MM GUARD FOR 35MM MUSHROOM KNOB
Jan 20, 2022
logo
Vishay Siliconix
P16S VISHAY-P16S_V01 Datasheet
101Kb / 5P
Knob Potentiometer With Switch
25-Jul-2022
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com