Electronic Components Datasheet Search
  English  ▼

X  

4364 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4364
Description  FTDI Serial TTL 232 USB Type C Cable 5V Power / 3.3V Logic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4364 Datasheet(HTML) 2 Page - Adafruit Industries

  4364 Datasheet HTML 1Page - Adafruit Industries 4364 Datasheet HTML 2Page - Adafruit Industries 4364 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The version we have is the 5V Power / 3V Logic. The data signals are at 3V
output and the power line provides 5V. The logic pins are 5V-friendly so we
suggest this for any product that needs FTDI cables and has 5V power usage or
is 3V-logic friendly.
If you have a device that is running at 5V logic and power, this cable will work
fine. If you want to tweak the voltages and signals a little, you should also check
out the FTDI friend.
We also carry a 3V Power / 3V Logic FTDI Cable.
TECHNICAL DETAILS
•
Cable length: 1 meter
•
28AWG
•
Pin Wiring:
•
Black - GND
•
Brown - CTS
•
Red - VCC 5V @ 500mA
•
Orange - TXD 3V logic level
•
Yellow - RXD 3V logic level
•
Green - RTS
Revision History:
•
As of Feb 10, 2020, we've updated this from a 5V Power / 5V Logic to a
5V Power / 3V Logic
•
Datasheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com