Electronic Components Datasheet Search
  English  ▼

X  

DL3 Datasheet(PDF) 1 Page - ITT Industries

Part # DL3
Description  Cannon ZIF Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DL3 Datasheet(HTML) 1 Page - ITT Industries

  DL3 Datasheet HTML 1Page - ITT Industries DL3 Datasheet HTML 2Page - ITT Industries DL3 Datasheet HTML 3Page - ITT Industries DL3 Datasheet HTML 4Page - ITT Industries DL3 Datasheet HTML 5Page - ITT Industries DL3 Datasheet HTML 6Page - ITT Industries DL3 Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
10
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon ZIF Connectors
DL - Plastic Body
The Cannon DL Series of Zero Insertion Force (ZIF)
connectors fill the need in the medical, commercial / indus-
trial, computer, and peripheral equipment market places for
low-cost, high performance, multiple-wire power and signal
connectors.
DL connectors feature: a minimum rated life of 10,000
complete mating and unmating cycles with no performance
loss; can be mated and unmated in less than two seconds
even with as many as 2496 contacts; and they cost less
(often as much as 25% less) per mated line than singular
Simple. Effective. Reliable. Durable
Combining their special deign with commercial-grade
materials and low cost crimp, PCB, and wrappable hermaph-
roditic contacts, that may be hand or machine terminated,
makes the DL Series of ZIF connectors the finest low-cost-
per-mated-line I/0 connectors available today.
The ambient temperature curves shown represent the rated current carrying capacity of the Cannon
DL1/2/3/4, electrical connectors, derated to 80%of the values recorded during the methods specified by
International Electro-Technical Commission Document 48 (1975).
Current was applied to the total connector (all contacts) in one-half ampere increments and maintained at
each current level until thermal stability was achieved. A thermocouple inserted into the “hottest area” of
each connector then measured the connector temperature at the same time that an ambient temperature
reading was taken. The difference between the two measured values is the heat rise or self-heating created
solely by the current flow, and this temperature rise for the current level was deducted from the insulator
material rated temperature. These values were then derated to 80% to obtain the curves shown.
DL1
DL2
DL3
high-density rack-and-panel connectors.
Derating Curves


Similar Part No. - DL3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL3-60R ITT-DL3-60R Datasheet
90Kb / 2P
ZIF Connectors
DL3-60RW4B ITT-DL3-60RW4B Datasheet
90Kb / 2P
ZIF Connectors
DL3-60RW6B ITT-DL3-60RW6B Datasheet
90Kb / 2P
ZIF Connectors
logo
M-System Co.,Ltd.
DL30 MSYSTEM-DL30 Datasheet
617Kb / 11P
WEB-ENABLED REMOTE TERMINAL UNIT
DL30-G-R MSYSTEM-DL30-G-R Datasheet
617Kb / 11P
WEB-ENABLED REMOTE TERMINAL UNIT
More results

Similar Description - DL3

ManufacturerPart #DatasheetDescription
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
Cannon 75 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
Cannon 50 Ohm Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
Cannon ZD Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
Cannon ZD Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com