Electronic Components Datasheet Search
  English  ▼

X  

BAX16 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAX16
Description  High Voltage General Purpose Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAX16 Datasheet(HTML) 2 Page - ON Semiconductor

  BAX16 Datasheet HTML 1Page - ON Semiconductor BAX16 Datasheet HTML 2Page - ON Semiconductor BAX16 Datasheet HTML 3Page - ON Semiconductor BAX16 Datasheet HTML 4Page - ON Semiconductor BAX16 Datasheet HTML 5Page - ON Semiconductor BAX16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAX16 Rev. 1.0.0
1
April 2008
BAX16
High Voltage General Purpose Diode
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Notes:
1) These ratings are based on a maximum junction temperature of 200degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics * T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
150
V
IF(AV)
Average Rectified Forward Current
200
mA
if
Recurrent Peak Forward Current
600
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 s
Pulse Width = 1.0
ms
1
4
A
A
TSTG
Storage Temperature Range
-65 to 200
°C
TJ
Operating Junction Temperature
175
°C
Symbol
Parameter
Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 100mA
180
V
VF
Forward Voltage
IF = 1.0mA
0.65
V
VFP
Forward Voltage
Pulse Width = 300
ms
IF = 100mA
IF = 200mA
1.3
1.5
IR
Reverse Leakage
VR = 50V
VR = 50V, TA = 150°C
VR = 150V
VR = 150V, TA = 150°C
25
25
100
100
nA
mA
nA
mA
trr
Reverse Recovery Time
IF = 30mA, IR = 30mA,
Irr = 1.0mA, RL = 100W
120
ns
DO-35 Glass case
COLOR BAND DENOTES CATHODE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com