Electronic Components Datasheet Search
  English  ▼

X  

HGWR Datasheet(PDF) 1 Page - Comus International

Part # HGWR
Description  Magnetic Reed Relay - One pole - Bi-stable Operation - Mercury Wetted Contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

HGWR Datasheet(HTML) 1 Page - Comus International

  HGWR Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: HGWR Series
Magnetic Reed Relay - One pole - Bi-stable Operation - Mercury Wetted Contacts
Product Data Sheet
FEATURES
TERMINALS / TOLERANCE
ODERING INFORMATION
• Resistant to Ambient Environmental
Conditions
• Material : Metal
• Mechanical Stress Resistant
• Antivibration Feature
• Magnetic Shield
Diameter: 0.025
Length: 0.190
Tolerance: .XXX = ± .010
.XX = ± .015
HGWR -
5 -
8212T00
Series
5 = Form C
1 = Form D
Maximum Switching Power
VA / Watts
100
Maximum Switching Current
Amps AC/DC
2.0
Maximum Switching Voltage
Volts AC/DC
500
Breakdown Voltage
Volts AC
1000
Coil Resistance (+/- 10% @25˚C)
Ohms
1500
Maximum Coil Voltage
VDC
40
Latch Voltage MAX
VDC
+10.4
Reset Voltage MIN
VDC
-10.4
Dielectric
coil / case
1000 VAC
coil / cont
1000 VAC
cont / cont
1000 VAC
SPECIFICATION
CIRCUIT DIAGRAM
DIMENSIONS
Drawings not to scale.
All dimensions in inches nominal.
0.200 typ.
1.100
0.200
0.150
1.57 max
(1.385 max)
.025 dia. x
.190 long
terminals
.44
max
(.425 max)
.545
max
(.530 max)
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Assemtech, UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943
©2012 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
UP
UP
1
2
(original manufacture’s dimensions)
Note: Positive voltage applied to either “+” terminal will
close the contacts shown open. Negative voltage applied
to either “+” terminal will reset the contacts.


Similar Part No. - HGWR

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
HGW.00.250.NTLP LEMO-HGW.00.250.NTLP Datasheet
95Kb / 4P
00 - NIM-CAMAC
logo
Comus International
HGWM COMUS-HGWM Datasheet
657Kb / 2P
Single Side Stable Mercury (Hg) Relay - 1 Form C
logo
Festo Corporation.
HGWM-08-EO-G6 FESTO-HGWM-08-EO-G6 Datasheet
98Kb / 1P
Angled gripper
HGWM-08-EO-G7 FESTO-HGWM-08-EO-G7 Datasheet
86Kb / 1P
Angled gripper
HGWM-08-EO-G8 FESTO-HGWM-08-EO-G8 Datasheet
98Kb / 1P
Angled gripper
More results

Similar Description - HGWR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
50W-1A11 DBLECTRO-50W-1A11 Datasheet
984Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
Panasonic Semiconductor
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
3V operation Hall IC One-way magnetic field operation
logo
celduc-relais
F72C CELDUC-F72C Datasheet
144Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
F81A CELDUC-F81A Datasheet
137Kb / 2P
REED RELAY / MERCURY CONTACT
IBXXXXX CELDUC-IBXXXXX Datasheet
70Kb / 1P
TIP OVER SWITCH- NO MERCURY CONTACTS
R072 CELDUC-R072 Datasheet
91Kb / 2P
REED RELAY / 2 CHANGE OVER MERCURY CONTACTS
R0861 CELDUC-R0861 Datasheet
147Kb / 2P
REED RELAY / 1 CHANGE OVER MERCURY CONTACT
logo
Tyco Electronics
159-117G00 MACOM-159-117G00 Datasheet
294Kb / 6P
Mercury-Wetted Reed Relays
logo
WAGO Kontakttechnik Gmb...
788-109 WAGO-788-109 Datasheet
199Kb / 6P
Relay socket; 2 changeover contacts; with manual operation;
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com