Electronic Components Datasheet Search
  English  ▼

X  

CMD4D13 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CMD4D13
Description  Power Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CMD4D13 Datasheet(HTML) 2 Page - Sumida Corporation

  CMD4D13 Datasheet HTML 1Page - Sumida Corporation CMD4D13 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Transformers <SMD Type: CMD Series>
Type: CMD4D13
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Part No.
※
Stamp
Inductance
(μ
H)[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current(mA)
(at 20℃)※1
Temperature
Rise current
(mA) ※2
CMD4D13NP-3R3M□
3R3
3.3±20%
160(123)
1200
850
CMD4D13NP-4R7M□
4R7
4.7±20%
194(149)
1000
800
CMD4D13NP-6R8M□
6R8
6.8±20%
276(212)
810
650
CMD4D13NP-100M□
100
10±20%
335(258)
710
570
CMD4D13NP-150M□
150
15±20%
508(391)
580
450
CMD4D13NP-220M□
220
22±20%
766(589)
480
370
CMD4D13NP-330M□
330
33±20%
1162(894)
370
280
CMD4D13NP-470M□
470
47±20%
1658(1326)
320
220
CMD4D13NP-680M□
680
68±20%
2534(2027)
260
180
CMD4D13NP-101M□
101
100±20%
3304(2643)
210
170
CMD4D13NP-151M□
151
150±20%
5362(4290)
180
130
※
Description of Part Name
CMD4D13NP-3R3M□
※
1
.Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
※
2
.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com