Electronic Components Datasheet Search
  English  ▼

X  

ADS5521 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5521
Description  12-Bit, 80 MSPS Analog-To-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5521 Datasheet HTML 11Page - Texas Instruments ADS5521 Datasheet HTML 12Page - Texas Instruments ADS5521 Datasheet HTML 13Page - Texas Instruments ADS5521 Datasheet HTML 14Page - Texas Instruments ADS5521 Datasheet HTML 15Page - Texas Instruments ADS5521 Datasheet HTML 16Page - Texas Instruments ADS5521 Datasheet HTML 17Page - Texas Instruments ADS5521 Datasheet HTML 18Page - Texas Instruments ADS5521 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
www.ti.com
Code
0.05
0
−0.05
−0.10
−0.15
−0.20
−0.25
0
512
1024
1536
2048
0.10
0.15
0.20
0.25
2560 3072
3584
4096
fIN =10.1MHz, AIN = −0.5dBFS
Code
0.30
0.10
−0.10
−0.30
0
512
1024
1536
2048
0.50
0.60
2560
3072
3584
4096
fIN =10.1MHz
AIN = −0.5dBFS
0.40
0.20
0
−0.20
InputFrequency − MHz
90
75
70
65
60
55
50
0
50
150
250
300
200
100
85
80
fS =80MSPS
AIN = −1dBFS
InputFrequency − MHz
72
69
68
67
66
0
50
150
250
300
200
100
71
70
fS =80MSPS
AIN = −1dBFS
AVDD − AnalogSupplyVoltage − V
90
85
80
75
70
65
60
3.00
3.15
3.30
3.60
3.45
SFDR
SNR
fIN =150MHz
AVDD − AnalogSupplyVoltage − V
90
85
80
75
70
65
60
3.00
3.15
3.30
3.60
3.45
SFDR
SNR
fIN =70MHz
ADS5522
SBAS320C – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25  C, AVDD = DRVDD = 3.3 V, sampling rate = 80 MSPS, 50% clock duty cycle, 3-Vpp
differential clock, and –1 dBFS differential input, unless otherwise noted
DIFFERENTIAL
INTEGRAL
NONLINEARITY
NONLINEARITY
Figure 17.
Figure 18.
SPURIOUS-FREE DYNAMIC RANGE
SIGNAL-TO-NOISE RATIO
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 19.
Figure 20.
AC PERFORMANCE
AC PERFORMANCE
vs ANALOG SUPPLY VOLTAGE
vs ANALOG SUPPLY VOLTAGE
Figure 21.
Figure 22.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com