Electronic Components Datasheet Search
  English  ▼

X  

CC2592RGVT Datasheet(PDF) 5 Page - Texas Instruments

Part # CC2592RGVT
Description  CC2592 2.4-GHz Range Extender
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2592RGVT Datasheet(HTML) 5 Page - Texas Instruments

  CC2592RGVT Datasheet HTML 1Page - Texas Instruments CC2592RGVT Datasheet HTML 2Page - Texas Instruments CC2592RGVT Datasheet HTML 3Page - Texas Instruments CC2592RGVT Datasheet HTML 4Page - Texas Instruments CC2592RGVT Datasheet HTML 5Page - Texas Instruments CC2592RGVT Datasheet HTML 6Page - Texas Instruments CC2592RGVT Datasheet HTML 7Page - Texas Instruments CC2592RGVT Datasheet HTML 8Page - Texas Instruments CC2592RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CC2592
www.ti.com
SWRS159 – FEBRUARY 2014
2.4
Electrical Characteristics
Tc = 25°C, VDD = 3.0 V, fRF = 2440 MHz (unless otherwise noted). Measured on CC2592EM reference design including
external matching components.
Parameter
Test Conditions
Min
Typ
Max
Unit
Receive current, high-gain mode
HGM = 1
4
mA
Receive current, low-gain mode
HGM = 0
1.9
mA
POUT = 20 dBm
123
Transmit current
mA
POUT = 22 dBm
155
Transmit current
No input signal
50
mA
Power down current
EN = 0
0.1
0.3
µA
High-input level (control terminals)
PA_EN, LNA_EN, HGM
1.3
Vdd
V
Low-input level (control terminals)
PA_EN, LNA_EN, HGM
0.3
V
Power down - Receive mode switching
1
µs
time
Power down - Transmit mode switching
1
µs
time
RF Receive
Gain, high-gain mode
HGM = 1
11
dB
Gain, low-gain mode
HGM = 0
6
dB
Gain variation over frequency
2400 to 2483.5 MHz, HGM = 1
2
dB
Gain variation over power supply
2.0 V to 3.7 V, HGM = 1
1.5
dB
Gain variation over temperature
–40°C to 85°C, HGM = 1
1.7
dB
Gain variation over temperature
85°C to 125°C, HGM = 1
1
dB
HGM = 1, including internal T/R
4.7
dB
Noise figure, high-gain mode
switch and external antenna match
Input 1-dB compression, high-gain mode
HGM = 1
–18
dBm
Input IP3, high-gain mode
HGM = 1
–9
dBm
Input reflection coefficient, S11
HGM = 1, measured at antenna port
–15
dB
RF Transmit
Gain
24
dB
PIN = 0.0 dBm
20.3
Output power, POUT
dBm
PIN = 4.0 dBm
21.9
Power added efficiency, PAE
POUT = 22 dBm
34
%
Output 1-dB compression
15
dBm
Output power variation over frequency
2400 to 2483.5 MHz, PIN = 4 dBm
0.5
dB
Output power variation over power supply
2.0 V to 3.7 V, PIN = 4 dBm
3.8
dB
Output power variation over temperature
–40°C to 125°C, PIN = 4 dBm
1.7
dB
Second harmonic power
FCC requirement
–41.2
dBm
Third harmonic power
FCC requirement
–41.2
dBm
No damage
20:1
VSWR
Stability
7.5:1
Copyright © 2014, Texas Instruments Incorporated
Device Characteristics
5
Submit Documentation Feedback
Product Folder Links: CC2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com