Electronic Components Datasheet Search
  English  ▼

X  

CD74HC02M Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC02M
Description  CDx4HCT02 Quadruple 2-Input Positive-NOR Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC02M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC02M Datasheet HTML 1Page - Texas Instruments CD74HC02M Datasheet HTML 2Page - Texas Instruments CD74HC02M Datasheet HTML 3Page - Texas Instruments CD74HC02M Datasheet HTML 4Page - Texas Instruments CD74HC02M Datasheet HTML 5Page - Texas Instruments CD74HC02M Datasheet HTML 6Page - Texas Instruments CD74HC02M Datasheet HTML 7Page - Texas Instruments CD74HC02M Datasheet HTML 8Page - Texas Instruments CD74HC02M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CDx4HCT02 Quadruple 2-Input Positive-NOR Gates
1 Features
• LSTTL input logic compatible
– VIL(max) = 0.8 V, VIH(min) = 2 V
• CMOS input logic compatible
– II ≤ 1 µA at VOL, VOH
• Buffered inputs
• 4.5 V to 5.5 V operation
• Wide operating temperature range:
–55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs
2 Applications
• Alarm / tamper detect circuit
• S-R latch
3 Description
This device contains four independent 2-input NOR
gates. Each gate performs the Boolean function
Y = A + B in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
CD74HC02M
SOIC (14)
8.65 mm × 3.90 mm
CD74HC02E
PDIP (14)
19.30 mm × 6.40 mm
CD54HC02F
CDIP (14)
19.94 mm × 7.62 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
1A
1Y
1B
2Y
2A
2B
GND
4Y
V
CC
4B
4A
3Y
3B
3A
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Device functional pinout
www.ti.com
CD54HCT02, CD74HCT02
SCHS400 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: CD54HCT02 CD74HCT02
CD54HCT02, CD74HCT02
SCHS400 – DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC02M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC02M TI-CD74HC02M Datasheet
265Kb / 10P
High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC02M TI-CD74HC02M Datasheet
261Kb / 11P
High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC02M TI1-CD74HC02M Datasheet
618Kb / 15P
High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC02M TI2-CD74HC02M Datasheet
1Mb / 28P
CDx4HC02 Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2020
CD74HC02M TI2-CD74HC02M Datasheet
1Mb / 28P
CDx4HC02 Quadruple 2-Input Positive-NOR Gates
REVISED DECEMBER 2020
More results

Similar Description - CD74HC02M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com