Electronic Components Datasheet Search
  English  ▼

X  

CD74HC02E Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC02E
Description  CDx4HCT02 Quadruple 2-Input Positive-NOR Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC02E Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC02E Datasheet HTML 1Page - Texas Instruments CD74HC02E Datasheet HTML 2Page - Texas Instruments CD74HC02E Datasheet HTML 3Page - Texas Instruments CD74HC02E Datasheet HTML 4Page - Texas Instruments CD74HC02E Datasheet HTML 5Page - Texas Instruments CD74HC02E Datasheet HTML 6Page - Texas Instruments CD74HC02E Datasheet HTML 7Page - Texas Instruments CD74HC02E Datasheet HTML 8Page - Texas Instruments CD74HC02E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
THERMAL METRIC(1)
CD74HCT02
UNIT
N (PDIP)
D (SOIC)
14 PINS
14 PINS
RθJC(top)
Junction-to-case (top) thermal resistance
51.3
56.3
°C/W
RθJB
Junction-to-board thermal resistance
43.3
55.5
°C/W
ΨJT
Junction-to-top characterization parameter
31.0
18.3
°C/W
ΨJB
Junction-to-board characterization parameter
43.0
55.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VOH
High-level
output voltage
VI = VIH or
VIL
IOH = –20
µA
4.5 V
4.4
4.4
4.4
V
IOH = –4
mA
4.5 V
3.98
3.84
3.7
VOL
Low-level output
voltage
VI = VIH or
VIL
IOL = 20
µA
4.5 V
0.1
0.1
0.1
V
IOL = 4 mA 4.5 V
0.26
0.33
0.4
II
Input leakage
current
VI = VCC
and GND
IO = 0
5.5 V
±0.1
±1
±1
µA
ICC
Supply current
VI = VCC or
GND
IO = 0
5.5 V
2
20
40
µA
ΔICC
(1)
Additional
Quiescent
Device Current
Per Input Pin
VI = VCC –
2.1
4.5 V
to 5.5
V
100
360
450
490
µA
Ci
Input
capacitance
10
10
10
pF
(1)
For dual-supply systems theoretical worst case (VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
6.6 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM
TO
TEST
CONDITIO
NS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN TYP MAX
MIN TYP MAX
MIN TYP MAX
tpd
Propagation delay
A or B
Y
CL = 50 pF 4.5 V
21
26
32
ns
A or B
Y
CL = 15 pF 5 V
8
tt
Transition-time
Y
CL = 50 pF 4.5 V
15
19
22
ns
6.7 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
4.5 V to 5.5
V
26
pF
www.ti.com
CD54HCT02, CD74HCT02
SCHS400 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54HCT02 CD74HCT02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com