Electronic Components Datasheet Search
  English  ▼

X  

DAC7821 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7821 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7821 Datasheet HTML 1Page - Texas Instruments DAC7821 Datasheet HTML 2Page - Texas Instruments DAC7821 Datasheet HTML 3Page - Texas Instruments DAC7821 Datasheet HTML 4Page - Texas Instruments DAC7821 Datasheet HTML 5Page - Texas Instruments DAC7821 Datasheet HTML 6Page - Texas Instruments DAC7821 Datasheet HTML 7Page - Texas Instruments DAC7821 Datasheet HTML 8Page - Texas Instruments DAC7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
DAC7821
FEATURES
DESCRIPTION
APPLICATIONS
DACRegister
Power-On
Reset
Control
Logic
DAC7821
R
R
FB
V
REF
V
DD
I
1
OUT
I
2
OUT
GND
DB0
DB11
12-Bit
R-2RDAC
InputLatch
ParallelBus
CS
R/W
DAC7821
SBAS365B – OCTOBER 2005 – REVISED JULY 2007
12-Bit, Parallel Input, Multiplying
Digital-to-Analog Converter
• 2.5V to 5.5V Supply Operation
The DAC7821 is a CMOS 12-bit current output
digital-to-analog
converter
(DAC).
This
device
• Fast Parallel Interface:
operates from a single 2.5V to 5.5V power supply,
17ns Write Cycle
making it suitable for battery-powered and many
• Update Rate of 20.4MSPS
other applications.
• 10MHz Multiplying Bandwidth
This DAC operates with a fast parallel interface. Data
• ±10V Reference Input
readback allows the user to read the contents of the
• Low Glitch Energy: 5nV-s
DAC register via the DB pins. On power-up, the
internal register and latches are filled with zeroes
• Extended Temperature Range:
and the DAC outputs are at zero scale.
–40
°C to +125°C
The
DAC7821
offers
excellent
4-quadrant
• 20-Lead TSSOP Packages
multiplication characteristics, with a large signal
• 12-Bit Monotonic
multiplying
bandwidth
of
10MHz.
The
applied
• ±1LSB INL
external reference input voltage (VREF) determines
• 4-Quadrant Multiplication
the full-scale output current. An integrated feedback
resistor (RFB) provides temperature tracking and
• Power-On Reset with Brownout Detection
full-scale voltage output when combined with an
• Readback Function
external current-to-voltage precision amplifier.
• Industry-Standard Pin Configuration
The DAC7821 is available in a 20-lead TSSOP
package.
• Portable Battery-Powered Instruments
• Waveform Generators
• Analog Processing
• Programmable Amplifiers and Attenuators
• Digitally-Controlled Calibration
• Programmable Filters and Oscillators
• Composite Video
• Ultrasound
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPW TI-DAC7821IPW Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPWG4 TI-DAC7821IPWG4 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPWR TI-DAC7821IPWR Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7821IPWRG4 TI-DAC7821IPWRG4 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com