Electronic Components Datasheet Search
  English  ▼

X  

DLPC3430 Datasheet(PDF) 2 Page - Texas Instruments

Part # DLPC3430
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3430 Datasheet(HTML) 2 Page - Texas Instruments

  DLPC3430 Datasheet HTML 1Page - Texas Instruments DLPC3430 Datasheet HTML 2Page - Texas Instruments DLPC3430 Datasheet HTML 3Page - Texas Instruments DLPC3430 Datasheet HTML 4Page - Texas Instruments DLPC3430 Datasheet HTML 5Page - Texas Instruments DLPC3430 Datasheet HTML 6Page - Texas Instruments DLPC3430 Datasheet HTML 7Page - Texas Instruments DLPC3430 Datasheet HTML 8Page - Texas Instruments DLPC3430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
Storage Conditions.................................................... 5
6.3
ESD Ratings.............................................................. 5
6.4
Recommended Operating Conditions ....................... 5
6.5
Thermal Information .................................................. 6
6.6
Electrical Characteristics........................................... 6
6.7
Motor Driver Timing Requirements ......................... 11
6.8
Data Transmission Timing Requirements............... 12
6.9
Typical Characteristics ............................................ 13
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 15
7.3
Feature Description................................................. 16
7.4
Device Functional Modes........................................ 27
7.5
Register Maps ......................................................... 29
8
Application and Implementation ........................ 41
8.1
Application Information............................................ 41
8.2
Typical Projector Application .................................. 41
8.3
Typical Mobile Sensing Application ....................... 43
9
Power Supply Recommendations ...................... 46
10
Layout................................................................... 47
10.1
Layout Guidelines ................................................. 47
10.2
Layout Example .................................................... 48
11
Device and Documentation Support ................. 49
11.1
Device Support .................................................... 49
11.2
Related Links ........................................................ 49
11.3
Community Resources.......................................... 49
11.4
Trademarks ........................................................... 49
11.5
Electrostatic Discharge Caution ............................ 50
11.6
Glossary ................................................................ 50
12
Mechanical, Packaging, and Orderable
Information ........................................................... 51
4 Revision History
Changes from Revision A (August 2015) to Revision B
Page
•
Fixed body size dimension typo in Device Information, corrected 3.48 mm
2 to 3.48 mm...................................................... 1
•
Added missing history tags to Revision A that were not listed............................................................................................... 1
•
Corrected package family to 'DSBGA' in Pin Functions Diagram, originally labeled as 'DSGBA' ......................................... 3
•
Added mechanical package designator YFF to Thermal Information .................................................................................... 6
•
Changed layout example to show correct image in Figure 46 ............................................................................................. 48
Changes from Original (June 2014) to Revision A
Page
•
Changed max current to 750 mA ........................................................................................................................................... 1
•
Added Mobile Sensing application ........................................................................................................................................ 1
•
Added typical Mobile sensing application ............................................................................................................................ 43
•
Updated the Power Supply Recommendations to remove information that did not apply to the DLPA2000 ..................... 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com