Electronic Components Datasheet Search
  English  ▼

X  

70520BLF Datasheet(PDF) 5 Page - Amphenol Communications Solutions

Part # 70520BLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70520BLF Datasheet(HTML) 5 Page - Amphenol Communications Solutions

  70520BLF Datasheet HTML 1Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 2Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 3Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 4Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 5Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 6Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 7Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 8Page - Amphenol Communications Solutions 70520BLF Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
• Material: Nylon UL 94 V-2
• Material (size D): Thermoplastic (UL94V-2)
• Color: Black
• Temperature Range: -40°C +95°C
• Packaging: Individual sets
• Locking Screws: UNC 4-40 thread
4• ANGLE EXIT PLASTIC HOOD
Size E, A,B,C
Shell
Size
Part Numbers
A
B
Cable
Diameter
E (9)
8655PHRA0901LF
31.0
36.2
4 to
13mm
A (15)
8655PHRA1501LF
39.5
40.2
B (25)
8655PHRA2501LF
53.0
40.2
C (37)
8655PHRA3701LF
69.5
40.2
Size E
All dimensions in mm.
• Cable Strain Relief: Steel fibre reinforced polycarbonate UL94V-0
• Color: Black
• Temperature Range: -40°C +120°C
• Packaging: Bulk, in box of 100 pieces
• Locking Screws: UNC 4-40 thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com