Electronic Components Datasheet Search
  English  ▼

X  

3240721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240721
Description  WT-HF 7,8X540 BK - Cable tie
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240721 Datasheet HTML 1Page - PHOENIX CONTACT 3240721 Datasheet HTML 2Page - PHOENIX CONTACT 3240721 Datasheet HTML 3Page - PHOENIX CONTACT 3240721 Datasheet HTML 4Page - PHOENIX CONTACT 3240721 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable binders for quick and secure bundling, standard version
Commercial data
Item number
3240721
Packing unit
100 pc
Minimum order quantity
100 pc
Sales key
BE07
Product key
BE7131
GTIN
4046356704373
Weight per piece (including packing)
7.27 g
Weight per piece (excluding packing)
7.212 g
Customs tariff number
39269097
Country of origin
IT
WT-HF 7,8X540 BK - Cable tie
3240721
https://www.phoenixcontact.com/us/products/3240721
Sep 17, 2025, 4:24AM
Page 1 (5)


Similar Part No. - 3240721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240720 PHOENIX-3240720 Datasheet
175Kb / 4P
WT-E HF 4,8X200 - Cable tie
3240722 PHOENIX-3240722 Datasheet
175Kb / 4P
WT-E HF 7,8X200 - Cable tie
3240723 PHOENIX-3240723 Datasheet
181Kb / 5P
WT-STEEL S 4,6X838 - Cable tie
3240724 PHOENIX-3240724 Datasheet
175Kb / 4P
WT-E HF 7,8X300 - Cable tie
3240725 PHOENIX-3240725 Datasheet
181Kb / 5P
WT-STEEL S 7,9X838 - Cable tie
More results

Similar Description - 3240721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240834 PHOENIX-3240834 Datasheet
60Kb / 3P
Cable tie - WT-UV HF 4,5X200 BK
09/12/2020
3240837 PHOENIX-3240837 Datasheet
59Kb / 3P
Cable tie - WT-UV HF 7,8X365 BK
09/12/2020
3240717 PHOENIX-3240717 Datasheet
54Kb / 3P
Cable tie - WT-D HF 7,5X350 BK
09/12/2020
3240760 PHOENIX-3240760 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200
09/12/2020
3240761 PHOENIX-3240761 Datasheet
73Kb / 4P
Cable tie - WT-HF 4,5X200 BK
09/12/2020
3240762 PHOENIX-3240762 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200 BK-L
09/12/2020
3240770 PHOENIX-3240770 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X430
09/12/2020
3240771 PHOENIX-3240771 Datasheet
73Kb / 4P
Cable tie - WT-HF 4,5X430 BK
09/12/2020
3240787 PHOENIX-3240787 Datasheet
59Kb / 3P
Cable tie - WT-HT HF 4,5X200 BK
09/12/2020
3240832 PHOENIX-3240832 Datasheet
59Kb / 3P
Cable tie - WT-UV HF 3,6X140 BK
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com