Electronic Components Datasheet Search
  English  ▼

X  

4445 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4445
Description  Mono Enclosed Speaker with Plain Wires - 3W 4 Ohm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4445 Datasheet(HTML) 1 Page - Adafruit Industries

  4445 Datasheet HTML 1Page - Adafruit Industries 4445 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
Mono Enclosed Speaker with Plain Wires -
3W 4 Ohm
PRODUCT ID: 4445
Listen up! This single 2.8" x 1.2" speaker is the perfect addition to any audio
project where you need 4 ohm impedance and 3W or less of power. We
particularly like these speakers as they are small and enclosed for good audio
volume and quality. This speaker
does not come with a connector on the end,
it's just plain bare wires!
Works peachy-keen with any of our audio amps as well, such as
the MAX98306, TS2012 or TPA2016 stereo class D amplifiers.
Note: This speaker does not have a connector on the end, but this one does!


Similar Part No. - 4445

ManufacturerPart #DatasheetDescription
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
Radial Toroidal Inductors
4445-01M API-4445-01M Datasheet
1Mb / 1P
Radial Toroidal Inductors
4445-02M API-4445-02M Datasheet
39Kb / 1P
Radial Toroidal Inductors
4445-02M API-4445-02M Datasheet
1Mb / 1P
Radial Toroidal Inductors
4445-03M API-4445-03M Datasheet
39Kb / 1P
Radial Toroidal Inductors
More results

Similar Description - 4445

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7267A STMICROELECTRONICS-TDA7267A Datasheet
100Kb / 7P
3W MONO AMPLIFIER
1998-Jun
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8510 WOLFSON-WM8510_06 Datasheet
866Kb / 81P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
WM9082 WOLFSON-WM9082 Datasheet
563Kb / 24P
PDM Input Mono 3W Class D Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com