Electronic Components Datasheet Search
  English  ▼

X  

4528 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4528
Description  Grove to STEMMA QT / Qwiic / JST SH Cable - 100mm long
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4528 Datasheet(HTML) 2 Page - Adafruit Industries

  4528 Datasheet HTML 1Page - Adafruit Industries 4528 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Warning: If you want to connect a Qwiic board (3V power only!) to a Grove
or STEMMA host,
make sure the power switch is set to 3V
The colors are:
Black for GND
Red for V+ - For Qwiic boards, 3.3V. For STEMMA QT, 3 to 5V.
Blue for SDA
Yellow for SCL
For more information on JST, visit their website.
Check out all our STEMMA QT offerings here including a wide range of lengths
and connectors
TECHNICAL DETAILS
 
 
 
https://www.adafruit.com/product/4528/3‐11‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com