Electronic Components Datasheet Search
  English  ▼

X  

CS1420 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CS1420
Description  Current Sense Transformer Type: CS Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS1420 Datasheet(HTML) 1 Page - Sumida Corporation

  CS1420 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Current Sense Transformer<Pin Type: CS Series>
Type: CS1420
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
1
6
5
2
3
4
◆
Product Description
・
22.0×14.75mm Max.(L×W), 20.0mm Max. Height .
・
Custom design is available.
◆
Feature
・
Two 1 turn primary windings that can be used in parallel.
・
3000Vrms gate to drive winding test.
・
Most popular winding configurations.
・
Operating Frequency range: 50kHz~500kHz.
・
RoHS Compliance
◆
Dimensions (mm)
◆
Schematics (Bottom)
◆
Specification
Sample No.
Turns Ratio
Current
Rating
Primary L
10kHz/0.1V
D.C.R. Pri.
(Ω Max.)
Hi-pot(Pri.-Sec.)
(50/60Hz)
PS05-176
50:1:1
15.0 A
77.0mH±35%
1.8
AC3000Vrms
0.64×0.64


Similar Part No. - CS1420

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS1420 SUMIDA-CS1420 Datasheet
8Mb / 156P
GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CS1420

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
Current Sense Transformer
logo
Sumida Corporation
CEEH55 SUMIDA-CEEH55 Datasheet
127Kb / 1P
Current Sense Transformer
CEEH1310 SUMIDA-CEEH1310 Datasheet
145Kb / 2P
Current Sense Transformer
CS1022 SUMIDA-CS1022 Datasheet
112Kb / 1P
Current Sense
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
CURRENT SENSE TRANSFORMER
6/18/96
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
logo
ZETTLER Electronics
ACST-200 ZETTLER-ACST-200 Datasheet
133Kb / 2P
CURRENT SENSE TRANSFORMER
logo
Sumida Corporation
SCR1021 SUMIDA-SCR1021 Datasheet
105Kb / 2P
Current Sense
logo
E&E Magnetic Products L...
833-00016 EEMAGNETIC-833-00016 Datasheet
58Kb / 3P
CURRENT SENSE TRANSFORMER,SMT, 12 PIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com