Electronic Components Datasheet Search
  English  ▼

X  

5474 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 5474
Description  30 Piece 5.5 / 2.1mm to DC Barrel Jack Adapter Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

5474 Datasheet(HTML) 2 Page - Adafruit Industries

  5474 Datasheet HTML 1Page - Adafruit Industries 5474 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6. 3.5mm (phono jack)
7. 3.0x1.1mm
8. 4.8mm
9. 3.5x1.2mm
10. 4.0x1.7mm (inner spring tip)
11. 4.8x1.7mm (inner spring tip)
12. 5.0mm
13. 5.5x2.5mm
14. 5.5x2.1mm (inner spring tip)
15. 7.9mm (Lenovo Laptop - Round Type)
16. 7.4mm
17. Dell Laptop - Three Contact Type (Latitude C840, Inspiron 3700, Inspiron 3800,
Inspiron 8000, Inspiron 1100, Inspiron 5100, etc)
18. 5.5x1.9mm
19. 6.0mm (with center contact pin)
20. 6.3mm
21. 5.5x2.5mm
22. 5.5x2.5 (inner spring tip)
23. 5.5x2.1mm
24. 5.5x2.1mm (inner spring tip)
25. 5.5x1.5mm
26. 5.5x1.7mm (inner spring tip)
27. 5.0x2.1mm
28. 5.0x2.5mm
29. 4.5mm
30. Lenovo Laptop - Large Rectangular Type
YouTube link: https://www.youtube.com/watch?t=19&v=AuKynjUTnJc&feature=emb_imp_woyt
https://www.adafruit.com/product/5474 10-31-22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com