Electronic Components Datasheet Search
  English  ▼

X  

PSG08427 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG08427
Description  USB 2.0 Active Repeater Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG08427 Datasheet(HTML) 1 Page - Pro-Signal

  PSG08427 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
14/02/18
USB 2.0 Active Repeater Cable
Description
This USB 2.0 Active Repeater Cable can easily extend your USB 2.0 cable of 5 meters; you can
even cascade up to 5 of these repeater cables for a maximum length of 25 meters. Compar-
ing with a “passive” repeater cable, our cable is an “active” one that buffers and regenerates
upstream and downstream signals to ensure signal reliability and performance. The USB 2.0
repeater cable support data transfer rates of up to 480Mbps and is fully backward compatible
with USB 1.1 devices. Therefore, both high speed and full speed (including low-speed) USB
devices/cables will function equally well with the USB repeater cable.
Application
To connect USB keyboard, Mouse, Camera, Printer, etc. with computer.
Features
• Active USB repeater cable, assuring signal quality and reliability
• Repeater cable length: 5 meter
• Connect to USB device or 2nd active repeater cable
• Up to 5 repeater cables can be cascaded to extend the distance
• Type A male to type A female
• USB Bus powered
• USB 2.0 and 1.1 compliant, works with both high, full and low speed USB devices
• Extend up to 25 meters by cascading up to 5 repeater cables
Specifications
Interface
: USB 2.0, backward compatible with USB 1.1
Data Transfer Rate
: 480/12/1.5 Mbps
Downstream Connector
: USB Type A Female
Upstream Connector
: USB Type A Male
Dimensions
: 84.3mm (L) × 54mm (W) × 17.8mm (H)
Cable Length
: 5 meter
Max. Units Cascaded
: 5
Regulatory Compliances
: FCC, CE
System Requirements
USB-enabled Windows or Mac (driver-free)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
Lead, USB 2.0, Repeater, 5m
PSG08427


Similar Part No. - PSG08427

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG08421 PROSIGNAL-PSG08421 Datasheet
104Kb / 1P
USB 2.0 Mini Hubs
V1.0 16/08/17
More results

Similar Description - PSG08427

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U042025 TRIPPLITE-U042025 Datasheet
514Kb / 2P
USB 2.0 Hi-Speed A-B Active Repeater Cable (M-M), 25-ft
U042036 TRIPPLITE-U042036 Datasheet
516Kb / 2P
USB 2.0 Hi-Speed A-B Active Repeater Cable (M-M),36-ft
U042-050 TRIPPLITE-U042-050 Datasheet
494Kb / 2P
USB 2.0 Hi-Speed A/B Active Repeater Cable (M/M), 50 ft.
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U026-10M TRIPPLITE-U026-10M Datasheet
174Kb / 2P
USB 2.0 Active Extension Repeater Cable (A M/F), 10M (33-ft.)
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
U026-20M TRIPPLITE-U026-20M Datasheet
170Kb / 3P
USB 2.0 Active Extension Repeater Cable (A-A M/F), 20M (65-ft.)
logo
Texas Instruments
TUSB2E11 TI1-TUSB2E11_V01 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED AUGUST 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com