Electronic Components Datasheet Search
  English  ▼

X  

EE1621 Datasheet(PDF) 1 Page - Sumida Corporation

Part # EE1621
Description  General Power Transformer< Pin Type:EE Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EE1621 Datasheet(HTML) 1 Page - Sumida Corporation

  EE1621 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer< Pin Type:EE Series>
Type: EE1621/MS
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
1
2
TUBE
5
6
9
10
◆ Product Description
・23.0×16.5mm Max.(L×W), 23.0mm Max. Height.
・In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements
◆ Feature
・Max. Operating frequency 300kHz.
・Ideally used in EL inverter, camera. Switching regulator.
・RoHS Compliance
◆ Dimensions (mm)
◆ Schematics (Bottom)
“ S” is winding start
◆ Specification
Sample No.
Inductance (2-1)
100kHz/1V
Inductance (2-1)
100kHz/1V
Hi-pot
(1,2-5,6,9,10)/1.0mA
04MMS092B
1.8mH ± 7%
55.0µH Max.
AC 4000Vrms/3sec.
18.5 MAX.
5-2.7! A
0.2
3-3.5! A
0.2
0.6! A
0.1
"
"INDICATES COPPER FOIL


Similar Part No. - EE1621

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
EE16 POWERINT-EE16 Datasheet
151Kb / 1P
Rapid Transformer Sample Service
logo
FERYSTER Inductive Comp...
EE16-K-H-10P-SW FERYSTER-EE16-K-H-10P-SW Datasheet
593Kb / 1P
PHENOLIC-UL-94V0 CP WIRE
EE16-K-H-10P-SW-AW FERYSTER-EE16-K-H-10P-SW-AW Datasheet
155Kb / 1P
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL UL REC
EE16-K-H-10P-TF1626 FERYSTER-EE16-K-H-10P-TF1626 Datasheet
159Kb / 1P
PHOSPHOR BRONZE
EE16-K-H-12P-15 FERYSTER-EE16-K-H-12P-15 Datasheet
388Kb / 1P
FERYSTER 짰 TRANSFORMERS
More results

Similar Description - EE1621

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EE1916 SUMIDA-EE1916 Datasheet
35Kb / 1P
General Power Transformer < Pin Type:EE Series>
EE2520H SUMIDA-EE2520H Datasheet
34Kb / 1P
General Power Transformer
EE4128 SUMIDA-EE4128 Datasheet
58Kb / 1P
General Power Transformer
EEH2013 SUMIDA-EEH2013 Datasheet
41Kb / 1P
General Power Transformer
EEH2218 SUMIDA-EEH2218 Datasheet
101Kb / 1P
General Power Transformer
EEH3223 SUMIDA-EEH3223 Datasheet
67Kb / 1P
General Power Transformer
EEH3425 SUMIDA-EEH3425 Datasheet
106Kb / 1P
General Power Transformer
EEH4130 SUMIDA-EEH4130 Datasheet
31Kb / 1P
General Power Transformer
EI3330 SUMIDA-EI3330 Datasheet
121Kb / 1P
General Power Transformer < Pin Type:EI Series>
ER4831 SUMIDA-ER4831 Datasheet
134Kb / 1P
General Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com