Electronic Components Datasheet Search
  English  ▼

X  

ADC101S021 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC101S021
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC101S021 Datasheet HTML 9Page - Texas Instruments ADC101S021 Datasheet HTML 10Page - Texas Instruments ADC101S021 Datasheet HTML 11Page - Texas Instruments ADC101S021 Datasheet HTML 12Page - Texas Instruments ADC101S021 Datasheet HTML 13Page - Texas Instruments ADC101S021 Datasheet HTML 14Page - Texas Instruments ADC101S021 Datasheet HTML 15Page - Texas Instruments ADC101S021 Datasheet HTML 16Page - Texas Instruments ADC101S021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
000...001
000...010
0V
011...111
111...000
000...000
111...111
111...110
ANALOG INPUT
1 LSB = VA/1024
0.5 LSB
+VA-1.5 LSB
|
ADC101S021
www.ti.com
SNAS307G – JULY 2005 – REVISED JANUARY 2014
Sixteen SCLK cycles are required to read a complete sample from the ADC. The sample bits (including leading
or trailing zeroes) are clocked out on falling edges of SCLK, and are intended to be clocked in by a receiver on
subsequent rising edges of SCLK. The ADC will produce three leading zero bits on SDATA, followed by ten data
bits, most significant first. After the data bits, the ADC will clock out two trailing zeros.
If CS goes low before the rising edge of SCLK, an additional (fourth) zero bit may be captured by the next falling
edge of SCLK.
Determining Throughput
Throughput depends on the frequency of SCLK and how much time is allowed to elapse between the end of one
conversion and the start of another. At the maximum specified SCLK frequency, the maximum ensured
throughput is obtained by using a 20 SCLK frame. As shown in Figure 3, the minimum allowed time between CS
falling edges is determined by 1) 12.5 SCLKs for Hold mode, 2) the larger of two quantities: either the minimum
required time for Track mode (tACQ) or 2.5 SCLKs to finish reading the result and 3) 0, 1/2 or 1 SCLK padding to
ensure an even number of SCLK cycles so there is a falling SCLK edge when CS next falls. For example, at the
fastest rate for this family of parts, SCLK is 20MHz and 2.5 SCLKs are 125ns, so the minimum time between CS
falling edges is calculated by :
12.5*50ns + 350ns + 0.5*50ns = 1000ns
(2)
(12.5 SCLKs + tACQ + 1/2 SCLK) which corresponds to a maximum throughput of 1MSPS. At the slowest rate for
this family, SCLK is 1MHz. Using a 20 cycle conversion frame as shown in Figure 3 yields a 20
μs time between
CS falling edges for a throughput of 50KSPS. It is possible, however, to use fewer than 20 clock cycles provided
the timing parameters are met. With a 1MHz SCLK, there are 2500ns in 2.5 SCLK cycles, which is greater than
tACQ. After the last data bit has come out, the clock will need one full cycle to return to a falling edge. Thus the
total time between falling edges of CS is 12.5*1
μs +2.5*1μs +1*1μs=16μs which is a throughput of 62.5KSPS.
ADC101S021 Transfer Function
The output format of the ADC is straight binary. Code transitions occur midway between successive integer LSB
values. The LSB width for the ADC is VA/1024. The ideal transfer characteristic is shown in Figure 18. The
transition from an output code of 00 0000 0000 to a code of 00 0000 0001 is at 1/2 LSB, or a voltage of VA/2048.
Other code transitions occur at steps of one LSB.
Figure 18. Ideal Transfer Characteristic
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com