Electronic Components Datasheet Search
  English  ▼

X  

ADC101S101 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC101S101
Description  ADC081S101 Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC101S101 Datasheet HTML 9Page - Texas Instruments ADC101S101 Datasheet HTML 10Page - Texas Instruments ADC101S101 Datasheet HTML 11Page - Texas Instruments ADC101S101 Datasheet HTML 12Page - Texas Instruments ADC101S101 Datasheet HTML 13Page - Texas Instruments ADC101S101 Datasheet HTML 14Page - Texas Instruments ADC101S101 Datasheet HTML 15Page - Texas Instruments ADC101S101 Datasheet HTML 16Page - Texas Instruments ADC101S101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
000...001
000...010
0V
011...111
111...000
000...000
111...111
111...110
ANALOG INPUT
1 LSB = VA/256
1 LSB
+VA-1 LSB
ADC081S101
www.ti.com
SNAS310D – JANUARY 2006 – REVISED JANUARY 2014
Sixteen SCLK cycles are required to read a complete sample from the ADC. The sample bits (including leading
or trailing zeroes) are clocked out on falling edges of SCLK, and are intended to be clocked in by a receiver on
subsequent falling edges of SCLK. The ADC will produce three leading zero bits on SDATA, followed by eight
data bits, most significant first. After the data bits, the ADC will clock out four trailing zeros.
If CS goes low before the rising edge of SCLK, an additional (fourth) zero bit may be captured by the next falling
edge of SCLK.
Determining Throughput
Throughput depends on the frequency of SCLK and how much time is allowed to elapse between the end of one
conversion and the start of another. At the maximum specified SCLK frequency, the maximum ensured
throughput is obtained by using a 20 SCLK frame. As shown in Figure 3, the minimum allowed time between CS
falling edges is determined by 1) 12.5 SCLKs for Hold mode, 2) the larger of two quantities: either the minimum
required time for Track mode (tACQ) or 2.5 SCLKs to finish reading the result and 3) 0, 1/2 or 1 SCLK padding to
ensure an even number of SCLK cycles so there is a falling SCLK edge when CS next falls. For example, at the
fastest rate for this family of parts, SCLK is 20MHz and 2.5 SCLKs are 125ns, so the minimum time between CS
falling edges is calculated by:
12.5*50ns + 350ns + 0.5*50ns = 1000ns
(2)
(12.5 SCLKs + tACQ + 1/2 SCLK) which corresponds to a maximum throughput of 1MSPS. At the slowest rate for
this family, SCLK is 1MHz. Using a 20-cycle conversion frame as shown in Figure 3 yields a 20
μs time between
CS falling edges for a throughput of 50KSPS.
It is possible, however, to use fewer than 20 clock cycles provided the timing parameters are met. With a 1MHz
SCLK, there are 2500ns in 2.5 SCLK cycles, which is greater than tACQ. After the last data bit has come out, the
clock will need one full cycle to return to a falling edge. Thus the total time between falling edges of CS is
12.5*1
μs +2.5*1μs +1*1μs=16μs which is a throughput of 62.5KSPS.
ADC081S101 Transfer Function
The output format of the ADC is straight binary. Code transitions occur midway between successive integer LSB
values. The LSB width for the ADC is VA/256. The ideal transfer characteristic is shown in Figure 20. The
transition from an output code of 0000 0000 to a code of 0000 0001 is at 1/2 LSB, or a voltage of VA/512. Other
code transitions occur at steps of one LSB.
Figure 20. Ideal Transfer Characteristic
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com